Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

215306SW Datasheet(PDF) 1 Page - Walther-Werke

Part # 215306SW
Description  IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALTHER [Walther-Werke]
Direct Link  http://www.walther-werke.de/
Logo WALTHER - Walther-Werke

215306SW Datasheet(HTML) 1 Page - Walther-Werke

  215306SW Datasheet HTML 1Page - Walther-Werke 215306SW Datasheet HTML 2Page - Walther-Werke  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
32
16
3
211 306 SW
10
112
16
4
211 406 SW
10
154
16
5
211 SW
10
170
32
3
231 306 SW
10
211
32
4
231 406 SW
10
217
32
5
231 SW
10
240
63
3
261 306 SW
5
475
63
4
261 406 SW
5
566
63
5
261 SW
5
613
125
3
279 306 SW1)
2
1185
125
4
279 406 SW1)
2 1329
125
5
279 SW1)
2 1473
16
5
210 SW
10/60
176
32
5
230 SW
10/60
250
16
3
215 304 SW
215 306 SW
10
101
Plugs with gland entry, in 16 - 63 A = IP 44 , in 125 A = IP 67
1)
Plugs IP 44
with inverted cable entry
Plugs IP 44 , with cable gland
231SW
230SW
215306SW
Male Plugs IP 44
for
Light & Stage Applications
IEC/EN 60 309
Well hidden from View!
It is necessary that electrical installations on stages function with-
out interruption and not be a distraction to the viewers.
The Walther Electric Solution:
thus make the electrical installation on stages almost “invisible”!
Part numbers
500 V
50 a. 60 Hz
3pole 4pole 5pole
7h
7h
7h
400 V
50 a. 60 Hz
3pole 4pole 5pole
9h
6h
6h
230 V
50 a. 60 Hz
3pole 4pole 5pole
6h
9h
9h
g
110 V
50 a. 60 Hz
3pole 4pole 5pole
4h
4h
4h
3
2 P + E
4
3 P + E
3 P + N + E
5
Consult customer service for other amperage and voltage ratings and configurations.
Standard Style
New Light & Stage
Style
Now You See It
-
Now You Don’t
32
C
M
Y
CM
MY
CY
CMY
K
Rev2-IEC60309-Catalog(2ndHalf).pdf
3
7/7/15
12:48 PM


Similar Part No. - 215306SW

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
215307-2 TEC-215307-2 Datasheet
77Kb / 1P
Internal Equipment Connection Board-to-Board 2.54mm Centreline
Revise May 2007
215307-3 TEC-215307-3 Datasheet
77Kb / 1P
Internal Equipment Connection Board-to-Board 2.54mm Centreline
Revise May 2007
215307-4 TEC-215307-4 Datasheet
77Kb / 1P
Internal Equipment Connection Board-to-Board 2.54mm Centreline
Revise May 2007
logo
Tyco Electronics
215307-5 MACOM-215307-5 Datasheet
84Kb / 1P
HV 100 VERTICAL CONNECTOR DUAL ROW, 7,0MM HEIGHT, TOP ENTRY, GOLD, MAX. 2X36 POSITIONS
logo
TE Connectivity Ltd
215307-5 TEC-215307-5 Datasheet
77Kb / 1P
Internal Equipment Connection Board-to-Board 2.54mm Centreline
Revise May 2007
More results

Similar Description - 215306SW

ManufacturerPart #DatasheetDescription
logo
SICK AG
M20E-061A3A221 SICK-M20E-061A3A221 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-061A3A222 SICK-M20E-061A3A222 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-081A2A222 SICK-M20E-081A2A222 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-081A3A120 SICK-M20E-081A3A120 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-081A3A221 SICK-M20E-081A3A221 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-02150A120 SICK-M20E-02150A120 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-03140A120 SICK-M20E-03140A120 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04130A120 SICK-M20E-04130A120 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20E-04230A221 SICK-M20E-04230A221 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
M20Z-02550A222 SICK-M20Z-02550A222 Datasheet
1Mb / 5P
MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com