Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLN201F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLN201F
Description  Infrared LED GaA?밃s Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN201F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLN201F Datasheet HTML 1Page - Toshiba Semiconductor TLN201F Datasheet HTML 2Page - Toshiba Semiconductor TLN201F Datasheet HTML 3Page - Toshiba Semiconductor TLN201F Datasheet HTML 4Page - Toshiba Semiconductor TLN201F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLN201(F)
2007-10-01
3
Ambient temperature Ta (°C)
IF – Ta
20
40
60
80
140
60
40
20
120
0
0
80
100
100
120
Wavelength Characteristic
(typ.)
Wavelength λ (nm)
1.0
0
0.8
0.6
0.4
0.2
760
800
840
880
920
960
1000
IF = 50mA
Ta = 25°C
Pulse forward voltage VFP (V)
IFP – VFP
(typ.)
1
2
3
4
7
0
5
6
5
3
50
1
10
30
1000
300
500
100
Pulse width ≦ 100μs
Repetitive
Frequency = 100Hz
Ta = 25°C
Forward current IF (mA)
IE – IF
(typ.)
Pulse width ≦100μs
Repetitive
Frequency = 100Hz
Ta = 25°C
3
10
30
100
1000
500
1
1
300
300
3000
1000
50
30
100
5
3
10
Pulse
DC
IF – VF
(typ.)
Forward voltage VF (V)
1.3
1.4
1.5
1.8
5
100
1
1.1
30
50
1.6
1.7
3
10
1.2
Ta = 100°C
75
50
25 0
-25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com