Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRE17TP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLRE17TP
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRE17TP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLRE17TP Datasheet HTML 1Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 2Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 3Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 4Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 5Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 6Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 7Page - Toshiba Semiconductor TLRE17TP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL(RE,RME,SE,OE,YE)17TP(F)
2007-10-01
4
TLRME17TP(F)
20
−20
80
0.1
10
5
1
3
0
40
60
0.3
0.5
620
580
700
0.8
0
0.6
1.0
0.2
0.4
600
640
660
680
IF = 20 mA
Ta
= 25°C
Radiation pattern
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
Forward voltage VF
(V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
40
0
120
60
0
40
80
20
20
60
80
100
10
1
100
1000
30
100
10000
Ta
= 25°C
3
5
30
50
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com