Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5908 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 1N5908
Description  TRANSILTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5908 Datasheet(HTML) 5 Page - STMicroelectronics

  1N5908 Datasheet HTML 1Page - STMicroelectronics 1N5908 Datasheet HTML 2Page - STMicroelectronics 1N5908 Datasheet HTML 3Page - STMicroelectronics 1N5908 Datasheet HTML 4Page - STMicroelectronics 1N5908 Datasheet HTML 5Page - STMicroelectronics 1N5908 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package
Type
Marking
SMC
SM5908
MDC
CB429
1N5908
1N5908
A white band indicates the cathode
MARKING : Logo, type code and cathode band
Packaging : Standardpackaging is in tape and reel.
PACKAGE MECHANICAL DATA
SMC (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
Weight = 0.25 g.
FOOT PRINT (in millimeters)
ORDER CODE
1N5908 RL
SM 5908
Packaging :
= Ammopack tape
RL = Tape and reel
Surface mount
2.0
4.2
2.0
3.3
E
C
L
E2
E1
D
A1
A2
b
Numerical code
Device code
1N5908/SM5908
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com