Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSH20TPF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLSH20TPF
Description  Panel Circuit Indicator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH20TPF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLSH20TPF Datasheet HTML 1Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 2Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 3Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 4Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 5Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 6Page - Toshiba Semiconductor TLSH20TPF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLRMH20TP(F),TLSH20TP(F),TLOH20TP(F),TLYH20TP(F)
2007-10-01
4
TLSH20TP(F)
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
600
560
680
580
620
640
660
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
40
0
120
60
0
40
80
20
20
60
80
100
Forward voltage VF (V)
IF – VF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Forward current IF (mA)
IV – IF
50
30
10
3
1
5
100
2.0
1.6
2.3
1.7
2.1
1.8
1.9
2.2
Ta
= 25°C
20
−20
80
0.1
1
0.3
0.5
0
40
60
3
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
10
1
100
100
3
5
30
50
1000
Ta
= 25°C
10000
50000
30000
3000
5000
300
500



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com