Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS300 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 23Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 24Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 25Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 26Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 27Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 28Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 29Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 30Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Avance Logic Inc.
ALS300
27
Pay special attention to data bus and address bus inside ALS300 because this may be the very heavy
power consumption source.
Use internal block chip select signal to be the block power control signal as much as possible.
The pull up resistors on any power up configuration pin must be disconnected from VCC after reset.
H/W power-down pin is disabled.
S/w power down mode is the same as h/w power down mode except RST and I/O access to power down
register are still enable.
The I/O access of the following register does not need power management control and must have
real time response.
POWER DOWN REGISTER
FIFO Control Attention:
Whenever new continuous DMA command for 8/16 bit wave playback is received, SB16 ESP should
always flush primary PCM FIFO.
ALS300 should has a primary FIFO r/w counter reset indicator, ISA reset or ESP RESET should reset
this indicator. When current DMA operation is 8 bit stereo or 16 bit mono, if DMA transfer times is not
even, this indicator should indicate bit 0 of FIFO r/w counter must be reset by ESP when new DMA
command is received. When current DMA operation is 16 bit stereo, if DMA transfer times is not
multiple times of 4, this indicator should indicate that bit 0 and bit 1 of FIFO r/w counter must be reset
by ESP when new DMA command is received.
Any time when new DMA command is received, this indicator must be reset after primary FIFO r/w
counter control.
MIDIOUT FIFO Size : 16 bytes
MIDIIN FIFO Size : 8 bytes
MIDIOUT RAM Size : 128 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com