Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6924D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6924D
Description  Battery charger system with integrated power switch for Li-ION/Li-POLYMER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6924D Datasheet HTML 11Page - STMicroelectronics L6924D Datasheet HTML 12Page - STMicroelectronics L6924D Datasheet HTML 13Page - STMicroelectronics L6924D Datasheet HTML 14Page - STMicroelectronics L6924D Datasheet HTML 15Page - STMicroelectronics L6924D Datasheet HTML 16Page - STMicroelectronics L6924D Datasheet HTML 17Page - STMicroelectronics L6924D Datasheet HTML 18Page - STMicroelectronics L6924D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
L6924D
Operation description
15/38
The big difference is due to the fact that ICHG is higher than the current limit of the adapter.
During the Fast-Charge Phase, the output voltage of the adapter drops and goes down to the
battery voltage plus the voltage drop across the power MOSFET of the charger, as shown in
the following equation:
Where
∆V
MOS is given by:
Where,
ILIM = current limit of the wall adapter, and RDS(on) = resistance of the power MOSFET.
The difference between the set charge current and the adapter limit should be high enough to
minimize the RDS(on) value (and the power dissipation). This makes the control loop completely
unbalanced and the power element is fully turned on.
Figure 8 shows the RDS(on) values for different output voltage and charging currents for an
adapter current limit of 500mA.
Figure 8.
rDS(on) curves vs charging current and output voltage
MOS
BAT
ADP
IN
V
V
V
V
∆
+
=
=
Eq. 7-2
I
R
V
LIM
ON
DS
MOS
×
=
∆
)
(
Eq. 7-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com