Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFAM3790 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # RFAM3790
Description  45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3790 Datasheet(HTML) 6 Page - Qorvo, Inc

  RFAM3790 Datasheet HTML 1Page - Qorvo, Inc RFAM3790 Datasheet HTML 2Page - Qorvo, Inc RFAM3790 Datasheet HTML 3Page - Qorvo, Inc RFAM3790 Datasheet HTML 4Page - Qorvo, Inc RFAM3790 Datasheet HTML 5Page - Qorvo, Inc RFAM3790 Datasheet HTML 6Page - Qorvo, Inc RFAM3790 Datasheet HTML 7Page - Qorvo, Inc RFAM3790 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RFAM3790
Data Sheet Rev.D, Oct 07, 2021 | Subject to change without notice
6 of 8
www.qorvo.com
®
Pin Configuration
1
2
3
4
5
6
7
8
9
Power Enable
Att. Adjust
RF IN +
RF IN -
RF OUT -
12V OUT
RF OUT +
5.6V V+
12V V+
GND
Pin Description
Pin No.
Label
Description
1
Power Enable
Logic Level (3.3V) Power Enable Control
2
Att. Adjust
Voltage Adjustable Attenuator
3
RF IN (+)
RF AMP Positive Input
4
RF IN (-)
RF AMP Negative Input
5
RF OUT (-)
RF AMP Negative Output
6
12V Out
12V Output
7
RF OUT (+)
RF AMP Positive Output
8
5.6V V+
Supply Voltage 5.6V
9
12V V+
Supply Voltage 12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com