Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA2030A
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 4Page - STMicroelectronics TDA2030A Datasheet HTML 5Page - STMicroelectronics TDA2030A Datasheet HTML 6Page - STMicroelectronics TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics TDA2030A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Device overview
TDA2030A
8/23
Doc ID 1459 Rev 2
Table 5.
Typical performance of the single-supply high-power amplifier
Figure 17.
Typical amplifier with spilt power supply
Figure 18.
PC board and component layout for the typical amplifier with split power supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Supply voltage
36
44
V
Id
Quiescent drain current
Vs = 36 V
50
mA
Po
Output power
d = 0.5%, RL = 4 Ω, f = 40 z to 15 Hz
Vs = 39 V
Vs = 36 V
35
28
W
W
d = 10%, RL = 4 Ω, f = 1 kHz
Vs = 39 V
Vs = 36 V
44
35
W
W
Gv
Voltage gain
f = 1 kHz
19.5
20
20.5
dB
SR
Slew rate
8V/µs
d
Total harmonic distortion
f = 1kHz
0.02
%
Po = 20 W; f = 40 Hz to 15 kHz
0.05
%
Vi
Input sensitivity
Gv = 20 dB, f = 1 kHz, Po = 20 W, RL = 4 Ω
890
mV
S/N
Signal-to-noise ratio
RL = 4 Ω, Rg = 10 kΩ, B = Curve A
Po = 25 W
Po = 4 W
108
100
dB
dB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com