Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2016DBQ Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2016DBQ
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016DBQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2016DBQ Datasheet HTML 7Page - Texas Instruments BQ2016DBQ Datasheet HTML 8Page - Texas Instruments BQ2016DBQ Datasheet HTML 9Page - Texas Instruments BQ2016DBQ Datasheet HTML 10Page - Texas Instruments BQ2016DBQ Datasheet HTML 11Page - Texas Instruments BQ2016DBQ Datasheet HTML 12Page - Texas Instruments BQ2016DBQ Datasheet HTML 13Page - Texas Instruments BQ2016DBQ Datasheet HTML 14Page - Texas Instruments BQ2016DBQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
programmable configuration settings (continued)
internal or external thermistor
The PROG pin programs whether the bq2016 uses an internal or external thermistor according to the following
table. It also defines the fast charge and trickle-rate detection thresholds for NAC calibration.
Table 3. PROG Selections
PROG LEVEL
LOW
NOM (VCC)
HI
T
TRICKLE RATE
FAST CHARGE
DETECTION THRESHOLD
(FCDT)
Rv (k)
Rg (k)
1
0/12
≤ 1/12 <
2/12
I
VDMF
< VSR < 2 mV
VSR > 2 mV for 30s
Open
0
2
2/12
≤ 3/12 <
4/12
I
VDMF
< CRate < C/8
CRate
> C/5 for 30s
1000
332
3
4/12
≤ 5/12 <
6/12
I
—
—
1000
715
4
6/12
≤ 7/12 <
8/12
E
VDMF
< VSR < 2 mV
> 2 mV for 30s
715
1000
5
8/12
≤ 9/12 <
10/12
E
VDMF
< CRate < C/8
CRate
> C/5 for 30s
332
1000
6
10/12
≤ 11/12 ≤
12/12
E
—
—
0
Open
NOTE: The bq2016 does not perform NAC calibration on charge with options 3 and 6. VDMF = 300
µV uncalibrated or 100 µV calibrated.
programming example
Given:
Sense resistor = 0.003
Ω
Chemistry = NiCd
Capacity = 2000 mAh
Discharge current range = 1 A to 10 A
Charge current = 200 mA to 4 A
Voltage drop over sense resistor = –30 mV to 12 mV
Internal thermistor with 2 mV FCDT
Therefore
2000 mAh
× 0.003 = 6 mVh
Select
VPFC level = 5
PROG level = 1
TS pin = grounded
The initial full battery capacity is 5.4 mVh (1800 mAh) until the bq2016 learns a new capacity with a qualified
discharge from full to EDV.
charge and discharge count counting
charge counting
The bq2016 detects charge activity when VSR = VSR2 – VSR1 is greater than the digital filter threshold. If charge
activity is detected, the bq2016 increments NAC at a rate proportional to VSR and activates the LED display
if VSR > 2 mV. Charge actions increment the NAC after compensation for charge rate and temperature. Charge
counting continues until VSR drops below VDMF.
discharge counting
The bq2016 detects discharge activity when VSR = VSR2 – VSR1 is more negative than the digital filter threshold.
If discharge activity is detected, the bq2016 decrements NAC and increments DCR at a rate proportional to
VSR and activates the LED display if VSR < –2 mV. Discharge actions decrement NAC and increment DCR after
compensation for discharge rate and temperature. Discharge counting continues until VSR rises above –VDMF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com