Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2016DBQ.B Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2016DBQ.B
Description  GAS GAUGE IC FOR HIGH DISCHARGE RATES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2016DBQ.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2016DBQ.B Datasheet HTML 4Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 5Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 6Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 7Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 8Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 9Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 10Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 11Page - Texas Instruments BQ2016DBQ.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
bq2016
GAS GAUGE IC FOR
HIGH DISCHARGE RATES
SLUS475A– JANUARY 2001 – REVISED NOVEMBER 2002
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description (continued)
Rate and
Temperature
Compensation
Charge
Current
+
Inputs
Nominal
Available
Charge
(NAC)
Rate and
Temperature
Compensation
Discharge
Current
Temperature
Compensation
Self-Discharge
Timer
–
–
≤
+
+
Last
Measured
Discharge
(LMD)
Discharge
Count
Register
(DCR)
Qualified
Transfer
Temperature
Translation
Temperature, Voltage,
Other Data
Main Counters and
Capacity Reference (LMD)
Outputs
Chip-Controlled
Available Charge
LED Display
Serial
Port
Figure 5. Operational Overview Diagram
main gas gauge registers
programmed full count (PFC)
The programmed full count (PFC) register stores the user-specified battery full capacity. The 8-bit PFC registers
stores the full capacity in mVh scaled as shown in Table 2. The VPFC input sets the PFC value and the counting
scale on a bq2016 initialization (power on reset).
nominal available capacity (NAC)
The main counter, NAC, represents the available battery capacity at any given time.
Battery charging
increments the NAC register, while battery discharging and self-discharge decrement the NAC register. The
bq2016 compensates the charge and discharge inputs to NAC for rate and temperature efficiencies.
NAC counts up during charge to a maximum value of LMD and down during discharge and self-discharge to
0. The bq2016 resets NAC to 0 on initialization and when the bq2016 sets the EDV bit on discharge. To prevent
overstatement of charge during periods of overcharge, NAC stops incrementing when NAC = LMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com