Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS1103B Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # VS1103B
Description  MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1103B Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button VS1103B Datasheet HTML 46Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 47Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 48Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 49Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 50Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 51Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 52Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 53Page - List of Unclassifed Manufacturers VS1103B Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
VLSI
Solution
y
VS1103b
VS1103B
8. VS1103B REGISTERS
8.10 Watchdog v1.0 2002-08-26
The watchdog consist of a watchdog counter and some logic. After reset, the watchdog is inactive.
The counter reload value can be set by writing to WDOG CONFIG. The watchdog is activated by writ-
ing 0x4ea9 to register WDOG RESET. Every time this is done, the watchdog counter is reset. Every
65536’th clock cycle the counter is decremented by one. If the counter underflows, it will activate vs-
dsp’s internal reset sequence.
Thus, after the first 0x4ea9 write to WDOG RESET, subsequent writes to the same register with the
same value must be made no less than every 65536×WDOG CONFIG clock cycles.
Once started, the watchdog cannot be turned off. Also, a write to WDOG CONFIG doesn’t change the
counter reload value.
After watchdog has been activated, any read/write operation from/to WDOG CONFIG or WDOG DUMMY
will invalidate the next write operation to WDOG RESET. This will prevent runaway loops from re-
setting the counter, even if they do happen to write the correct number. Writing a wrong value to
WDOG RESET will also invalidate the next write to WDOG RESET.
Reads from watchdog registers return undefined values.
8.10.1 Registers
Watchdog, prefix WDOG
Reg
Type
Reset
Abbrev
Description
0xC020
w
0
CONFIG
Configuration
0xC021
w
0
RESET
Clock configuration
0xC022
w
0
DUMMY[-]
Dummy register
Version 1.01, 2007-09-03
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com