Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT10 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT10
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT10 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT10 Datasheet HTML 1Page - Texas Instruments CD74ACT10 Datasheet HTML 2Page - Texas Instruments CD74ACT10 Datasheet HTML 3Page - Texas Instruments CD74ACT10 Datasheet HTML 4Page - Texas Instruments CD74ACT10 Datasheet HTML 5Page - Texas Instruments CD74ACT10 Datasheet HTML 6Page - Texas Instruments CD74ACT10 Datasheet HTML 7Page - Texas Instruments CD74ACT10 Datasheet HTML 8Page - Texas Instruments CD74ACT10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CD74ACT10
TRIPLE 3-INPUT POSITIVE-NAND GATES
SCHS316 – NOVEMBER 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
The CD74ACT10 contains three independent 3-input NAND gates. The device performs the Boolean functions
Y = A
• B • C or Y = A + B + C in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT10E
CD74ACT10E
–55
°C to 125°C
SOIC
M
Tube
CD74ACT10M
ACT10M
SOIC – M
Tape and Reel
CD74ACT10M96
ACT10M
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
OUTPUT
Y
H
H
H
L
L
XX
H
X
LX
H
X
X
L
H
logic diagram, each gate (positive logic)
Y
A
B
C
E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CD74ACT10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT10 TI-CD74ACT10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
CD74ACT10 TI1-CD74ACT10 Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10-MIL TI1-CD74ACT10-MIL Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT109 TI-CD74ACT109 Datasheet
337Kb / 10P
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD74ACT109 TI-CD74ACT109 Datasheet
228Kb / 8P
Dual j-k Flip-Flop with Set and Reset
More results

Similar Description - CD74ACT10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54HC10 TI-SN54HC10_07 Datasheet
664Kb / 17P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV10A RENESAS-HD74LV10A Datasheet
68Kb / 8P
Triple 3-input Positive NAND Gates
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
54ACT11010 TI1-54ACT11010_09 Datasheet
80Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
CD74ACT10 TI1-CD74ACT10_14 Datasheet
806Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54AC10 TI1-SN54AC10_15 Datasheet
1Mb / 20P
TRIPLE 3-INPUT POSITIVE-NAND GATES
SN54ACT10 TI1-SN54ACT10_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com