| Electronic Components Datasheet Search |
|
1210S104F Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION |
|
|
|||||||||||||||||||||||||||||
1210S104F Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION |
|
10 / 22 page ![]() Multilayer Ceramic Capacitors Approval Sheet Page 10 of 22 ASC_General Purpose_001AM_AS Apr. 2021 7-4. X5R Dielectric 0201, 0402, 0603, 0805, 1206, 1210 Sizes Dielectric X5R Size 0201 0402 0603 Rated Voltage (VDC) 6.3 10 16 25 50 4 6.3 10 16 25 50 4 6.3 10 16 25 50 100pF (101) L L L 150pF (151) L L L 220pF (221) L L L 330pF (331) L L L 470pF (471) L L L 680pF (681) L L L 820pF (821) L L L 1,000pF (102) L L L L 1,500pF (152) L L L 2,200pF (222) L L L 2,700pF (272) L L L 3,300pF (332) L L L 4,700pF (472) L L L 6,800pF (682) L L L 0.010 µF (103) L L L L L 0.015 µF (153) L L N 0.022 µF (223) L L L L N 0.033 µF (333) L L N N 0.047 µF (473) L L L L N N N N 0.068 µF (683) L L N N N E 0.082 µF (823) L L N N N E 0.10 µF (104) L L L L N N N N E 0.15 µF (154) N N N N 0.22 µF (224) L L L* N N N N N X X X X 0.33 µF (334) L N N N X X X X 0.47 µF (474) L N N N N E X X X X X 0.68 µF (684) N N X X X X 0.82uF (824) X X X X 1.0 µF (105) L* L* L* N N N N E X X X X X 1.5 µF (155) X 2.2 µF (225) L* L* N N E E X X X X X 3.3 µF (335) X X 4.7 µF (475) E E E* X X X X 6.8uF (685) 10 µF (106) E* E* E* X X X X X* 22 µF (226) E* X* X* X* 47 µF (476) X* X* Dielectric X5R Size 0805 1206 1210 Rated Voltage (VDC) 4 6.3 10 16 25 50 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 1.0 µF (105) D D D I 1.5 µF (155) I I I I J J K K 2.2 µF (225) I I I I I J J P P K K 3.3 µF (335) I I I I P P P 4.7 µF (475) I I I I I P P P P P K K K 6.8uF (685) P P 10 µF (106) I I I I I P P P P P K K K K M M 22 µF (226) I I* I* I* P P P P M M M M M 47 µF (476) I* I* P P P* M M M M* 100 µF (107) I* I* P M* M* M* 220 µF (227) P* M* M* 1. The letter in cell is expressed the symbol of product thickness. 2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |