Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF0130 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AF0130
Description  1.2 MP Smart iToF 1/3.2-inch Stacked BSI Global Shutter Depth Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AF0130 Datasheet(HTML) 2 Page - ON Semiconductor

  AF0130 Datasheet HTML 1Page - ON Semiconductor AF0130 Datasheet HTML 2Page - ON Semiconductor AF0130 Datasheet HTML 3Page - ON Semiconductor AF0130 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AF0130, AF0131
www.onsemi.com
2
Features
 1.2 MP CMOS Smart iToF Sensor with Advanced
3.5
mm Pixel Stacked BSI Technology
 Superior Low-Light and Ambient-Light Performance
 Enhanced NIR Response at 850 nm and 940 nm
Wavelength (QE > 40%)
 Dual Laser (Frequency) Operation for Increased Depth
Range (Disambiguation) in VGA Resolution
 Low Voltage Differential Signal (LVDS) Driver for
Modulation Control of Two Lasers up to 200 MHz
 Two or Four-Wire Serial Interface for Register Access
 2 Gbps/Lane, 2-lane MIPI CSI-2 D-PHY Data Interface
 Laser Eye Safety Monitoring
 Three Output Mode: RAW, Data Reduction (DR),
Integrated Depth Processing (DP)
 Phase and Pulsed (Hybrid) Modulation Support
 Simultaneous Depth, Confidence and Grayscale Output
 Horizontal and Vertical Mirroring, Windowing and
Pixel Binning
 Context State Machine with 64 Programmable Contexts
 Automatic Exposure Control (AEC)
 Pixel Identification & Correction (PDI & PDC)
 Multi Camera and Interference Mitigation
 Reduced Motion Artefacts due to Decoupling between
Integration and Readout
 Hardware Trigger Control
 On-Chip Mean and Histogram Statistics for Smart
Control
 On-Chip Temperature Sensor
 These Devices are Pb-Free and RoHS Compliant
Applications
 Computing
 Drones, Robotics & Automation
 Metrology
 Machine Vision
 Future Retail & Intelligent Logistics
 Security & Access Control
 Virtual or Augmented Reality
 3D Modeling
Table 2. ORDERING INFORMATION − PART
Part Number
Product Description
On-chip Depth Processing
Protective Film
AF0130CS1M30SMKA1-CP-E
AF0130 REV2 Engineering Samples
(AF0131 + Depth, Confidence & Visual)
yes
yes
AF0131CS1M30SMKA1-CP-E
AF0131 REV2 Engineering Samples
(RAW, DR, 1.2 MP, 30 CRA)
no
yes
AF0130CS1M30SMKA1-CR-E
AF0130 REV2 Engineering Samples
(AF0131 + Depth, Confidence & Visual)
yes
no
AF0131CS1M30SMKA1-CR-E
AF0131 REV2 Engineering Samples
(RAW, DR, 1.2 MP, 30 CRA)
no
no
Table 3. ORDERING INFORMATION − EVALUATION BOARD
Part Number
Product Description
AF0130CSSM30SMKAH3-GEVK
AF0130 Sensor Headboard + Lens (940 nm filter, 65 HFOV)
AGBENECS-GEVK
Laser Headboard
(4 VCSEL’s, 60 HFOI)
AGB1N0CS-GEVK
Demo 3 Board (FPGA Base Board including USB Cable and
Tripod)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com