Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYN412-RG Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN412-RG
Description  TXN/TYN 0512 ---> TXN/TYN 1012
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN412-RG Datasheet(HTML) 2 Page - STMicroelectronics

  TYN412-RG Datasheet HTML 1Page - STMicroelectronics TYN412-RG Datasheet HTML 2Page - STMicroelectronics TYN412-RG Datasheet HTML 3Page - STMicroelectronics TYN412-RG Datasheet HTML 4Page - STMicroelectronics TYN412-RG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC Junction to case for DC
TXN
3.5
°C/W
TYN
2.5
Symbol
Test Conditions
Value
Unit
IGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
MAX
15
mA
VGT
VD=12V
(DC)
RL=33Ω
Tj=25
°C
MAX
1.5
V
VGD
VD=VDRM RL=3.3kΩ
Tj= 125
°C
MIN
0.2
V
tgt
VD=VDRM IG = 40mA
dIG/dt = 0.5A/µs
Tj=25
°C
TYP
2
µs
IL
IG= 1.2 IGT
Tj=25
°C
TYP
50
mA
IH
IT= 100mA
gate open
Tj=25
°C
MAX
30
mA
VTM
ITM= 24A
tp= 380
µs
Tj=25
°C
MAX
1.6
V
IDRM
IRRM
VDRM Rated
VRRM Rated
Tj=25
°C
MAX
0.01
mA
Tj= 125
°C3
dV/dt
Linear slope up to VD=67%VDRM
gate open
Tj= 125
°C
MIN
200
V/
µs
tq
VD=67%VDRM
ITM= 24A
VR= 25V
dITM/dt=30 A/µsdVD/dt= 50V/µs
Tj= 125
°C
TYP
70
µs
PG (AV) =1W
PGM = 10W (tp = 20 µs)
IFGM = 4A (tp = 20 µs)
VRGM =5 V.
ELECTRICAL CHARACTERISTICS
THERMAL RESISTANCES
TXN/TYN 0512 ---> TXN/TYN 1012
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com