| Electronic Components Datasheet Search |
|
SW300001-LT Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SW300001-LT Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 2 page ![]() Comparison - Filter Design vs. Filter Design Lite M i c r o c h i p T e c h n o l o g y I n c o r p o r a t e d Summary The Digital Filter Design tool for the dsPIC®16-bit Digital Signal Controllers makes designing, analyzing and implementing Finite Impulse Response (FIR) and Infinite Impulse Response (IIR) digital filters easy through a menu-driven and intuitive user interface. The filter design tool performs complex mathematical computations for filter design, provides superior graphical displays and generates comprehensive design reports. Desired filter frequency specifications are entered and the tool automatically generates the filter code and coefficient files ready to use in the MPLAB® Integrated Development Environment (IDE). System analysis of the filter transfer function is supported with multiple generated graphs such as: magnitude, phase, group delay, log magnitude, impulse response and pole/zero locations. Finite Impulse Response Filter Design · Design Method Selection – FIR Windows Design – FIR Equiripple Design (Parks-McClellan) · Lowpass, Highpass, Bandpass and Bandstop filters · FIR filters can have up to 513 taps · Following window functions are supported: Rectangular 4 Term Cosine Hanning (Hann) 4 Term Cosine with continuous 5th Derivative Hamming Minimum 4 Term Cosine Triangular Good 4 Term Blackman Harris Blackman Harris Flat Top Exact Blackman Kaiser 3 Term Cosine Dolph-Tschebyscheff 3 Term Cosine with Taylor continuous 3rd Derivative Minimum 3 Term Cosine Gaussian · Reports show design details such as window coefficients and Impulse Response prior to multiplying by the window function · Filters are designed for a maximum gain of 1 Digital Filter Design/Digital Filter Design Lite Infinite Impulse Response Filter Design · Lowpass, Highpass, Bandpass and Bandstop Filters · Filter orders up to 10 for Lowpass and Highpass Filters · Filter orders up to 20 for Bandpass and Bandstop Filters · Five Analog Prototype Filters are available: – Butterworth – Tschebyscheff – Inverse Tschebyscheff – Elliptic – Bessel · Digital Transformations are performed by Bilinear Transformation Method · Reports show design details such as all transformations from normalized lowpass filter to desired filter Code Generation Features · Generated files are compliant with the Microchip dsPIC30F C30 Compiler, Assembler and Linker · Choice of placement of coefficients in Program Space or Data Space · C wrapper/header code generation Graphs · Magnitude Response vs. Frequency · Log Magnitude vs. Frequency · Phase Response vs. Frequency · Group Delay vs. Frequency · Impulse Response vs. Time (per sample) · Step Response vs. Time (per sample) · Pole and Zero Locations (IIR only) High-pass Up to 513 Up to 64 FIR Taps Band-pass Band-stop Up to 10 Up to 4 IIR Taps for LP, HP Up to 20 Up to 8 IIR Taps for BP, BS Generate ASM Code Export to MPLAB® IDE Export to MPLAB® C30 C Compiler MATLAB® Support Low-pass Filter Design Filter Design Lite — |
Similar Part No. - SW300001-LT |
|
Similar Description - SW300001-LT |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |