Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56721 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56721
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56721 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56721 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56721 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
8
2
Electrical Characteristics
For electrical characteristics, see Table 2.
2.1
Chip-Level Conditions
For a summary of chip-level conditions in this section, see Table 3.
2.1.1
Maximum Ratings
For maximum ratings, see Table 4.
CAUTION
This device contains circuitry protecting against damage due to high static voltage or
electrical fields. However, normal precautions should be taken to avoid exceeding
maximum voltage ratings. Reliability of operation is enhanced if unused inputs are pulled
to an appropriate logic voltage level (for example, either GND or VDD). The suggested
value for a pull-up or pull-down resistor is 4.7 k
Ω.
NOTE
In the calculation of timing requirements, adding a maximum value of one specification to
a minimum value of another specification does not yield a reasonable sum. A maximum
specification is calculated using a worst case variation of process parameter values in one
direction. The minimum specification is calculated using the worst case for the same
parameters in the opposite direction. Therefore, a “maximum” value for a specification will
never occur in the same device that has a “minimum” value for another specification;
adding a maximum to a minimum represents a condition that can never exist.
Table 2. Electrical Characteristics
For
See
Section 2.1, “Chip-Level Conditions”
on page 8
Section 2.2, “Module-Level Specifications”
on page 17
Table 3. Chip-Level Conditions
For
See
Section 2.1.1, “Maximum Ratings”
on page 8
Section 2.1.2, “Thermal Characteristics”
on page 10
Section 2.1.3, “Power Requirements”
on page 10
Section 2.1.4, “DC Electrical Characteristics”
on page 11
Section 2.1.5, “AC Electrical Characteristics”
on page 12
Section 2.1.6, “Internal Clocks”
on page 12
Section 2.1.7, “External Clock Operation”
on page 13
Section 2.1.8, “Reset, Stop, Mode Select, and Interrupt Timing”
on page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com