Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2313 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TGS2313
Description  4 – 18 GHz VPIN SP3T Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGS2313 Datasheet(HTML) 3 Page - Qorvo, Inc

  TGS2313 Datasheet HTML 1Page - Qorvo, Inc TGS2313 Datasheet HTML 2Page - Qorvo, Inc TGS2313 Datasheet HTML 3Page - Qorvo, Inc TGS2313 Datasheet HTML 4Page - Qorvo, Inc TGS2313 Datasheet HTML 5Page - Qorvo, Inc TGS2313 Datasheet HTML 6Page - Qorvo, Inc TGS2313 Datasheet HTML 7Page - Qorvo, Inc TGS2313 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TGS2313
4
– 18 GHz VPIN SP3T Switch
Data Sheet Rev. A
– Feb 3, 2021
- 3 of 8 -
www.qorvo.com
Performanc
e Plots –
Test conditions unless otherwise noted: CW RF Input, Temp= +25 °C, Bias Conditions:
ICONTROL = ±20 mA
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
2
4
6
8
10
12
14
16
18
20
22
24
Frequency (GHz)
-70
-60
-50
-40
-30
-20
-10
0
2
4
6
8
10
12
14
16
18
20
22
24
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
24
Frequency (GHz)
Input
Output
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
10
12
14
16
18
20
22
24
Input Power (dBm)
4 GHz
8 GHz
12 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com