Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-I/RF Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F18323-I/RF
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-I/RF Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F18323-I/RF Datasheet HTML 85Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 86Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 87Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 88Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 89Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 90Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 91Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 92Page - Microchip Technology PIC16F18323-I/RF Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 89
PIC16(L)F18313/18323
REGISTER 7-3:
PIE1: PERIPHERAL INTERRUPT ENABLE REGISTER 1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
BCL1IE
TMR2IE
TMR1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
TMR1GIE:
Timer1 Gate Interrupt Enable bit
1
= Enables the Timer1 gate acquisition interrupt
0
= Disables the Timer1 gate acquisition interrupt
bit 6
ADIE:
Analog-to-Digital Converter (ADC) Interrupt Enable bit
1
= Enables the ADC interrupt
0
= Disables the ADC interrupt
bit 5
RCIE:
EUSART Receive Interrupt Enable bit
1
= Enables the EUSART receive interrupt
0
= Disables the EUSART receive interrupt
bit 4
TXIE:
EUSART Transmit Interrupt Enable bit
1
= Enables the EUSART transmit interrupt
0
= Disables the EUSART transmit interrupt
bit 3
SSP1IE:
Synchronous Serial Port (MSSP) Interrupt Enable bit
1
= Enables the MSSP interrupt
0
= Disables the MSSP interrupt
bit 2
BCL1IE:
MSSP1 Bus Collision Interrupt Enable bit
1
= MSSP bus collision interrupt enabled
0
= MSSP bus collision interrupt not enabled
bit 1
TMR2IE:
TMR2 to PR2 Match Interrupt Enable bit
1
= Enables the Timer2 to PR2 match interrupt
0
= Disables the Timer2 to PR2 match interrupt
bit 0
TMR1IE:
Timer1 Overflow Interrupt Enable bit
1
= Enables the Timer1 overflow interrupt
0
= Disables the Timer1 overflow interrupt
Note 1:
Bit PEIE of the INTCON register must be set to enable any peripheral interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com