Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS4302 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # TGS4302
Description  High Power Ka-Band VPIN SPDT Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGS4302 Datasheet(HTML) 2 Page - Qorvo, Inc

  TGS4302 Datasheet HTML 1Page - Qorvo, Inc TGS4302 Datasheet HTML 2Page - Qorvo, Inc TGS4302 Datasheet HTML 3Page - Qorvo, Inc TGS4302 Datasheet HTML 4Page - Qorvo, Inc TGS4302 Datasheet HTML 5Page - Qorvo, Inc TGS4302 Datasheet HTML 6Page - Qorvo, Inc TGS4302 Datasheet HTML 7Page - Qorvo, Inc TGS4302 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TGS4302
High Power Ka-Band VPIN SPDT Switch
Data Sheet Rev. B
– October 6, 2021| Subject to change without notice
- 2 of 8 -
www.qorvo.com
Recommended Operating Conditions
Parameter
Min
Typ.
Max Units
Frequency
27
46
GHz
Control Voltage (VA/VB)
+5/-5
V
Control Current (IA/IB)
0/20
mA
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value
Control Voltage
-5 to +25 V
Control Current
22.5 mA
RF Input Power (¹), CW, 50
Ω, T = 25ºC
37 dBm
Mounting Temperature (30 sec)
320 °C
Storage Temperature
-65 to 150
°C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Notes: (
¹) Operation above 30 dBm requires control
voltage above +5V.
DC Probe Test
Test conditions unless otherwise noted: Temp= +25 °C
Symbol
Min
Max
Units
RFWD
3.5
6
Ω
VREV
-60
-30
V
Electrical Specifications
Test conditions unless otherwise noted: Temp= +25 °C, Bias Conditions:
VA = 5 V, IA = 0 mA, VB = -5 V, IB = 20 mA
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
27
46
GHz
Insertion Loss
Freq. = 27 to 30 GHz
1.3
dB
Freq. = 30 to 40 GHz
0.9
Freq. = 40 to 46 GHz
1.3
Return Loss
– Common Port RL
Freq. = 27 to 46 GHz
10
dB
Output Power @ P1dB (Freq. = 30 GHz)
VC = +5 V
31
dBm
VC = +7.5 V
33
VC = +10 V
35
VC = +15 V
36



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com