Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F18 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # F18
Description  POWER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

F18 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  F18 Datasheet HTML 1Page - Sensata Technologies, Inc. F18 Datasheet HTML 2Page - Sensata Technologies, Inc. F18 Datasheet HTML 3Page - Sensata Technologies, Inc. F18 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
General
Description
Parameters
Weight (typical)
4.75 oz (135g)
Torque Required
Terminal Stud Screw : 30 lb-in. Mounting Screws : 20 lb-in
MECHANICAL SPECIFICATIONS
Tolerance: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
Maximum Required Gate Voltage to Trigger @
25°C [V]
V
GT
3.0
3.0
3.0
3.0
3.0
Average Gate Power [W]
P
G(AV)
0.5
0.5
0.5
0.5
0.5
Maximum Peak Reverse Gate Voltage [V]
V
GM
5.0
5.0
5.0
5.0
5.0
Maximum Thermal Resistance, Junction to
Ceramic Base per Chip [°C/W]
R
JC
0.4
0.28
0.25
0.14
0.135
Isolation Voltage [Vrms]
V
ISOL
2500
2500
2500
2500
2500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com