Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2Q Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C2Q
Description  Surface Mount Very Fast-Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2Q Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C2Q Datasheet HTML 1Page - Bel Fuse Inc. C2Q Datasheet HTML 2Page - Bel Fuse Inc. C2Q Datasheet HTML 3Page - Bel Fuse Inc. C2Q Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C2Q
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. C2Q Feb2025
Temperature Derating Curve
Average Time Current Curve
Electrical Specifications
Catalog
Number
Ampere
Rating
(A)
Nominal
Cold
Resistance
(ohms)
Nominal
Volt-drop
@100% In
(Volt)
Voltage and
Interrupting
Ratings
Nominal
Melting I²T
@10 In
(A²Sec)
Nominal
Power
Dissipation
@100% In
(W)
Agency Approvals
C2Q 250
250mA
0.77
0.243
See Table of
Safety Approvals on
Page 1 for Voltage
and associated
Interrupting Ratings
0.00001
0.06
Y
C2Q 300
300mA
0.54
0.217
0.00003
0.07
Y
C2Q 375
375mA
0.42
0.196
0.00004
0.07
Y
C2Q 500
500mA
0.28
0.171
0.00015
0.09
Y
C2Q 750
750mA
0.17
0.159
0.0005
0.12
Y
C2Q 1
1A
0.122
0.154
0.0010
0.15
Y
C2Q 1.25
1.25A
0.092
0.152
0.0018
0.19
Y
C2Q 1.5
1.5A
0.073
0.146
0.0025
0.22
Y
C2Q 1.75
1.75A
0.063
0.144
0.0044
0.25
Y
C2Q 2
2A
0.053
0.133
0.0063
0.27
Y
C2Q 2.5
2.5A
0.042
0.130
0.0074
0.33
Y
C2Q 3
3A
0.034
0.130
0.018
0.39
Y
C2Q 3.5
3.5A
0.028
0.131
0.021
0.46
Y
C2Q 4
4A
0.023
0.131
0.042
0.52
Y
C2Q 5
5A
0.019
0.131
0.055
0.66
Y
Consult manufacturer for other ratings
Environmental Specifications
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com