Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1950 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1950
Description  6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 2021 Renesas Electronics Corporation
1
Sep 28, 2021
DESCRIPTION
This document describes the specification for the F1951
Digital Step Attenuator. The F1951 is part of a family of
Glitch-FreeTM DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4x4 QFN package with
50 Ω impedances for ease of integration into the radio
system.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The F1951 is a 6-
bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (+65 dBm IP3I.). The device has
pinpoint accuracy and settles to final attenuation value
within 400 nsec. Most importantly, the F1951 includes
Renesas’
Glitch-FreeTM technology which results in less
than 0.6 dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that
glitch as
much as 10 dB during MSB transitions (see p.10).
Lowest insertion loss for best SNR
Glitch-FreeTM when transitioning –
won’t damage PA or ADC
Extremely accurate with low distortion
APPLICATIONS
•
Base Station 2G, 3G, 4G, TDD radiocards
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
•
RFID handheld and portable readers
•
Cable Infrastructure
PART# MATRIX
Part#
Freq range
(MHz)
Resolution /
Range (dB)
Control
IL
(dB)
Pinout
F1951
100 - 5000
0.50 / 31.5
Serial Only
-1.2
HITT
F1950
150 - 5000
0.25 / 31.5
Serial Only
-1.3
PE
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HITT
FEATURES
•
Glitch-FreeTM, < 0.6 dB transient overshoot
•
Spurious Free Design
•
3 V to 5.25 V supply
•
Attenuation Error < 0.2 dB @ 2 GHz
•
Low Insertion Loss < 1.2 dB @ 2 GHz
•
Excellent Linearity +65 dBm IP3I
•
Fast settling time, < 450 ns
•
Class 2 JEDEC ESD (> 2kV HBM)
•
Serial Interface 31.5 dB Range
•
Stable Integral Non-Linearity over temperature
•
4x4 mm Thin QFN 24 pin package
BLOCK DIAGRAM
RF1
Bias
VDD
DEC
RF2
RSTb
CLK
SPI
CSb
SDI
SDO
ORDERING INFORMATION
F1951NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1950 RENESAS-F1950 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
F1950 RENESAS-F1950 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1950 RENESAS-F1950 Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
F1950 RENESAS-F1950 Datasheet
1Mb / 19P
6-bit Digital Step Attenuator 400 to 4000 MHz
February 9, 2022
More results

Similar Description - F1950

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
logo
Integrated Device Techn...
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
logo
Analog Devices
HMC424ALH5 AD-HMC424ALH5 Datasheet
633Kb / 6P
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com