Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1952 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1952
Description  6-bit Digital Step Attenuator 400 to 4000 MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1952 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1952 Datasheet HTML 1Page - Renesas Technology Corp F1952 Datasheet HTML 2Page - Renesas Technology Corp F1952 Datasheet HTML 3Page - Renesas Technology Corp F1952 Datasheet HTML 4Page - Renesas Technology Corp F1952 Datasheet HTML 5Page - Renesas Technology Corp F1952 Datasheet HTML 6Page - Renesas Technology Corp F1952 Datasheet HTML 7Page - Renesas Technology Corp F1952 Datasheet HTML 8Page - Renesas Technology Corp F1952 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
6-bit Digital Step Attenuator
400 to 4000 MHz
F1953
Datasheet
© 2022 Renesas Electronics Corporation
1
February 9, 2022
DESCRIPTION
This document describes the specification for the F1953
Digital Step Attenuator. The F1953 is part of a family of
Glitch-FreeTM DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4 x 4 mm QFN package
with 50Ω impedances for ease of integration.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The F1953 is a 6-bit
step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (> +60dBm IP3I.) The device has
pinpoint accuracy and settles to final attenuation value
within 400ns. Most importantly, the F1953 includes
Renesas’ Glitch-FreeTM technology which results in less
than 0.5dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that glitch as
much as 10dB.
 Lowest insertion loss for best SNR
 Glitch-FreeTM when transitioning – won’t
damage PA or ADC
 Extremely accurate with low distortion
APPLICATIONS
•
Base Station 2G, 3G, 4G, TDD radio-cards
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
•
RFID handheld and portable readers
•
Cable Infrastructure
PART# MATRIX
Part#
Freq range
Resolution
/ Range
Control
IL
Pinout
F1950
150 - 4000
0.25 / 31.75
Parallel &
Serial
-1.3
PE43702
PE43701
F1951
100 - 4000
0.50 / 31.5
Serial Only
-1.2
HMC305
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HMC305
F1953
400 - 4000
0.50 / 31.5
Parallel &
Serial
-1.3
PE4302
DAT-31R5
FEATURES
•
Glitch-FreeTM, < 0.6dB transient overshoot
•
Spurious Free Design
•
2.7 to 3.6 V supply
•
Attenuation Error < 0.5dB at 2GHz
•
Low Insertion Loss < 1.4dB at 2GHz
•
Excellent Linearity >+60dBm IP3I
•
Fast settling time, < 400ns
•
Serial or Parallel Interface 31.5dB Range
•
Stable Integral Non-Linearity over temperature
•
Low Power Consumption < 200µA
•
Integrated DC blocking capacitors
•
Drop-In replacement
•
4 x 4 mm thin 20-VFQFPN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
RF1
Bias
VDD
VMODE
DEC
D[5:0]
6
CLK
SPI
LE
DATA
RF2
F1953NCGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
RF product Line
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1952

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1952 RENESAS-F1952 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1952 RENESAS-F1952 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
F1952 RENESAS-F1952 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1952 RENESAS-F1952 Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
F1952 RENESAS-F1952 Datasheet
2Mb / 21P
6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
Sep 28, 2021
More results

Similar Description - F1952

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
400 MHz to 4000 MHz
REV. B
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com