Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1950Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1950Z
Description  7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1950Z Datasheet HTML 1Page - Renesas Technology Corp F1950Z Datasheet HTML 2Page - Renesas Technology Corp F1950Z Datasheet HTML 3Page - Renesas Technology Corp F1950Z Datasheet HTML 4Page - Renesas Technology Corp F1950Z Datasheet HTML 5Page - Renesas Technology Corp F1950Z Datasheet HTML 6Page - Renesas Technology Corp F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Glitch-Free Digital Step Attenuator
1
Jul 12, 2021
DESCRIPTION
This document describes the specification for the F1950
Digital Step Attenuator. The F1950 is part of a family of
Glitch-Free DSAs optimized for the demanding
requirements of communications Infrastructure. These
devices are offered in a compact 4x4 QFN package with
50Ω impedances for ease of integration into the radio
system.
COMPETITIVE ADVANTAGE
Digital step attenuators are used in Receivers and
Transmitters to provide gain control. The F1950 is a 7-
bit step attenuator optimized for these demanding
applications. The silicon design has very low insertion
loss and low distortion (+65 dBm IP3I). The device has
pinpoint accuracy and settles to final attenuation value
within 400 ns. Most importantly, the F1950 includes
Renesas’
Glitch-Free technology which results in less
than 0.6 dB of overshoot ringing during MSB transitions.
This is in stark contrast to competing DSAs that
glitch as
much as 10 dB during MSB transitions (see p.10).
Lowest insertion loss for best SNR
Glitch-Free when transitioning –
won’t damage PA or ADC
Extremely accurate with low
distortion
APPLICATIONS
Base Station 2G, 3G, 4G, TDD radiocards
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
PART# MATRIX
Part#
Freq range
Resolution
/ Range
Control
IL
Pinout
F1950
150 - 5000
0.25 / 31.75
Parallel &
Serial
-1.3
PE
F1951
100 - 5000
0.50 / 31.5
Serial Only
-1.2
HITT
F1952
100 – 4000
0.50 / 15.5
Serial Only
-0.9
HITT
FEATURES
Glitch-Free, < 0.6 dB transient overshoot
Spurious Free Design
3V to 5V supply
Attenuation Error < 0.3 dB @ 2 GHz
Low Insertion Loss < 1.3 dB @ 2 GHz
Excellent Linearity +65 dBm IP3I
Fast settling time, < 400 ns
Class 2 JEDEC ESD (> 2kV HBM)
Serial & Parallel Interface 31.75 dB Range
4 x 4 mm Thin QFN 24 pin package
BLOCK DIAGRAM
ORDERING INFORMATION
RF1
Bias
VDD
VMODE
DEC
D[6:0]
7
CLK
SPI
LE
DATA
RF2
F1950NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Tape &
Reel
RF product Line
Glitch-FreeTM
Glitch-FreeTM


Similar Part No. - F1950Z

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1950Z IDT-F1950Z Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1950Z RENESAS-F1950Z Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
More results

Similar Description - F1950Z

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
7 Bit Digital Attenuator
logo
TriQuint Semiconductor
TQP4M9083 TRIQUINT-TQP4M9083 Datasheet
674Kb / 11P
High Linearity 7-Bit, 31.75dB Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
F1958 IDT-F1958 Datasheet
4Mb / 26P
7-Bit 0.25dB Digital Step At tenuator
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
7-Bit 0.25 dB Wideband Digital Step Attenuator
F1958 RENESAS-F1958 Datasheet
18Mb / 27P
7-Bit 0.25dB Digital Step Attenuator 1MHz to 6GHz
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
7-Bit, 75 W, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com