Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCS503TPWRQ1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CDCS503TPWRQ1
Description  Clock Buffer/Clock Multiplier With Optional SSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS503TPWRQ1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCS503TPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 9Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 10Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 11Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 12Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 13Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 14Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 15Page - Texas Instruments CDCS503TPWRQ1 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.8)
6X (0.65)
8X (0.45)
8X (1.5)
(R
) TYP
0.05
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
4
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com