Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18503Q5AT Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD18503Q5AT
Description  CSD18503Q5A 40 V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18503Q5AT Datasheet(HTML) 2 Page - Texas Instruments

  CSD18503Q5AT Datasheet HTML 1Page - Texas Instruments CSD18503Q5AT Datasheet HTML 2Page - Texas Instruments CSD18503Q5AT Datasheet HTML 3Page - Texas Instruments CSD18503Q5AT Datasheet HTML 4Page - Texas Instruments CSD18503Q5AT Datasheet HTML 5Page - Texas Instruments CSD18503Q5AT Datasheet HTML 6Page - Texas Instruments CSD18503Q5AT Datasheet HTML 7Page - Texas Instruments CSD18503Q5AT Datasheet HTML 8Page - Texas Instruments CSD18503Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD18503Q5A
SLPS358C – JUNE 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q5A Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Opening ............................. 10
6
Device and Documentation Support.................... 7
7.4
Q5A Tape and Reel Information ............................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (November 2012) to Revision C
Page
•
Added part number to title ..................................................................................................................................................... 1
•
Added 7-inch reel to Ordering Information table ................................................................................................................... 1
•
Updated Continuous Drain Current ....................................................................................................................................... 1
•
Updated Pulsed Drain Current .............................................................................................................................................. 1
•
Updated pulsed current conditions ........................................................................................................................................ 1
•
Updated Max RθJC ................................................................................................................................................................. 3
•
Updated Figure 1 ................................................................................................................................................................... 4
•
Updated SOA in Figure 10 .................................................................................................................................................... 6
•
Updated Figure 12 ................................................................................................................................................................. 6
•
Added Community Resources ............................................................................................................................................... 7
•
Updated package dimensions ............................................................................................................................................... 8
•
Added Recommended Stencil Opening ............................................................................................................................... 10
Changes from Revision A (October 2012) to Revision B
Page
•
Added line for max power dissipation with case temperature held to 25° C .......................................................................... 1
•
Changed the RDS(on) vs VGS and GATE CHARGE graphs...................................................................................................... 1
•
Changed Max RθJA = 121°C/W To: Max RθJA = 125°C/W ...................................................................................................... 4
•
Changed the Typical MOSFET Characteristics section ......................................................................................................... 4
Changes from Original (June 2012) to Revision A
Page
•
Changed the Transconductance TYP value From: 127 S To: 100 S ..................................................................................... 3
•
Changed the Turn On and Turn Off Delay Time, Rise andFall Time Test Conditions From: IDS = 22 A, RG = 2 Ω To:
IDS = 22 A, RG = 0 Ω ............................................................................................................................................................... 3
•
Changed the Qrr Reverse Recovery Charge TYP value From: 22 nC To: 52 nC .................................................................. 3
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18503Q5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com