Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD22204WT Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD22204WT
Description  CSD22204W –8 V P-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22204WT Datasheet(HTML) 4 Page - Texas Instruments

  CSD22204WT Datasheet HTML 1Page - Texas Instruments CSD22204WT Datasheet HTML 2Page - Texas Instruments CSD22204WT Datasheet HTML 3Page - Texas Instruments CSD22204WT Datasheet HTML 4Page - Texas Instruments CSD22204WT Datasheet HTML 5Page - Texas Instruments CSD22204WT Datasheet HTML 6Page - Texas Instruments CSD22204WT Datasheet HTML 7Page - Texas Instruments CSD22204WT Datasheet HTML 8Page - Texas Instruments CSD22204WT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M0149-01
M0150-01
CSD22204W
SLPS559 – MARCH 2015
www.ti.com
Typ RθJA = 230°C/W
Typ RθJA = 75°C/W
when mounted on
when mounted on
minimum pad area of
1inch2 of 2 oz. Cu.
2 oz. Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD22204W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com