Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD85302LT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD85302LT.B
Description  CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD85302LT.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD85302LT.B Datasheet HTML 1Page - Texas Instruments CSD85302LT.B Datasheet HTML 2Page - Texas Instruments CSD85302LT.B Datasheet HTML 3Page - Texas Instruments CSD85302LT.B Datasheet HTML 4Page - Texas Instruments CSD85302LT.B Datasheet HTML 5Page - Texas Instruments CSD85302LT.B Datasheet HTML 6Page - Texas Instruments CSD85302LT.B Datasheet HTML 7Page - Texas Instruments CSD85302LT.B Datasheet HTML 8Page - Texas Instruments CSD85302LT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
6
12
18
24
30
36
42
48
54
60
D007
TC = 25°C, I S = 2 A
TC = 125°C, I S = 2 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
D004
IS1S2 = 2 A
VS1S2 = 10 V
Gate 2
Source 2
Gate 1
Source 1
G1
G2
S2
S1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD85302L
SLPS561 – NOVEMBER 2015
CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET
Text added for spacing
1 Features
1
•
Common Drain Configuration
Product Summary
•
Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Small Footprint of 1.35 mm × 1.35 mm
VS1S2
Source-to-Source Voltage
20
V
Qg
Gate Charge Total (4.5 V)
6
nC
•
Pb Free and Halogen Free
Qgd
Gate Charge Gate-to-Drain
1.4
nC
•
RoHS Compliant
VGS = 2.5 V
29
m
Ω
•
ESD HBM Protection >2.5 kV
RS1S2(on)
Source-to-Source On-Resistance VGS = 4.5 V
20
m
Ω
VGS = 6.5 V
18.7
m
Ω
2 Applications
VGS(th)
Threshold Voltage
0.9
V
•
USB Type-C/PD
•
Battery Management
Ordering Information(1)
•
Battery Protection
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD85302L
3000
7-Inch
1.35 × 1.35 mm Land Grid
Tape and
Reel
Array (LGA) Package
Reel
3 Description
CSD85302LT
250
This 20 V, 18.7 m
Ω, 1.35 mm × 1.35 mm LGA Dual
(1) For all available packages, see the orderable addendum at
NexFET™ power MOSFET is designed to minimize
the end of the data sheet.
resistance in the smallest footprint. Its small footprint
and common drain configuration make the device
Absolute Maximum Ratings
ideal
for
battery-powered
applications
in
small
TA = 25°C
VALUE
UNIT
handheld devices.
VS1S2
Source-to-Source Voltage
20
V
VGS
Gate-to-Source Voltage
±10
V
Top View
IS
Continuous Source Current(1)
7
A
ISM
Pulsed Source Current(2)
37
A
PD
Power Dissipation(1)
1.7
W
V(ESD)
Human Body Model (HBM)
2.5
kV
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Typical RθJA = 75°C/W when mounted on a 1 inch
2, 2 oz. Cu
pad on a 0.06 inch thick FR4 PCB.
Configuration
(2) Max RθJA = 90°C/W, pulse duration ≤100 μs, duty cycle ≤1%
.
.
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD85302LT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85302LT TI1-CSD85302LT Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
More results

Similar Description - CSD85302LT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
Dual N-Channel NexFET??Power MOSFET
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
20-V N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFET Power MOSFETs
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com