Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP116 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP116
Description  PHOTO-IC PDP(Plasma Display Panel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP116 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP116 Datasheet HTML 1Page - Toshiba Semiconductor TLP116 Datasheet HTML 2Page - Toshiba Semiconductor TLP116 Datasheet HTML 3Page - Toshiba Semiconductor TLP116 Datasheet HTML 4Page - Toshiba Semiconductor TLP116 Datasheet HTML 5Page - Toshiba Semiconductor TLP116 Datasheet HTML 6Page - Toshiba Semiconductor TLP116 Datasheet HTML 7Page - Toshiba Semiconductor TLP116 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP116
2007-10-01
2
Absolute Maximum Ratings (Ta=25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating (Ta≥85
°C)
ΔIF/ΔTa
-0.5
mA/
°C
Peak transient forward current (Note1)
IFPT
1
A
Reverse voltage
VR
5
V
Output current
IO
10
mA
Output voltage
VO
6
V
Supply voltage
VCC
6
V
Output power dissipation
PO
40
mW
Operating temperature range
Topr
-40~100
°C
Storage temperature range
Tstg
-55~125
°C
Lead solder temperature(10s)
Tsol
260
°C
Isolation voltage
(AC,1min.,R.H.≤60%,Ta=25°C)
(Note2)
BVs
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Input current , ON
IF(ON)
8
—
18
mA
Input voltage , OFF
VF(OFF)
0
—
0.8
V
Supply voltage
(Note3)
VCC
4.5
5.0
5.5
V
Operating temperature
Topr
-40
—
100
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Correlation between Input current , switching speed and drive circuit
(reference information).
Input current
(IF)
test Circuit
Typical switching speed
12mA
1
(Page 4)
21 – 23 MBd
8mA
1
(Page 4)
18 – 20 MBd
8mA
2
(Page 4,With Speed up capacitor)
23 – 27 MBd
Note1 : Pulse width PW≤1us,300pps.
Note2 : This device is regarded as a two terminal device : pins 1 and 3 are shorted together, as are pins 4,5 and 6.
Note3 : The detector of this product requires a power supply voltage (VCC) of 4.5 V or higher for stable operation.
If the VCC is lower than this value, an ICC may increase, or an output may be unstable.
Be sure to use the product after checking the supply current, and the operation of a power-on/-off.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com