Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CWH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SD103CWH
Description  350mA, 20V - 40V Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103CWH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SD103CWH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103CWH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103CWH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SD103CWH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SD103CWH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWH
– SD103CWH
Taiwan Semiconductor
1
Version: A2502
350mA, 20V - 40V Schottky Barrier Diode
FEATURES
● AEC-Q101 qualified
● Low power loss, high current capability, low VF
● Surface mound device type
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Low voltage rectifications
● High-efficiency DC-DC conversions
● Switch mode power supplies
● Inverse polarity protections
MECHANICAL DATA
● Case: SOD-123
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 10.97mg (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
350
mA
VRRM
20 - 40
V
IFSM
2
A
TJ MAX
125
°C
VF at IF=200mA
600
mV
Configuration
Single die
PACKAGE: SOD-123
PIN CONFIGURATION
CIRCUIT DIAGRAM
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Power dissipation(1)
PD
300
mW
Repetitive peak reverse voltage
SD103AWH
VRRM
40
V
SD103BWH
30
SD103CWH
20
Repetitive voltage
SD103AWH
VR
28
V
SD103BWH
21
SD103CWH
14
Forward current
IF
350
mA


Similar Part No. - SD103CWH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
68Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 24 - 2
logo
General Semiconductor
SD103CW GE-SD103CW Datasheet
130Kb / 3P
Schottky Diodes
logo
Weitron Technology
SD103CW WEITRON-SD103CW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CW DIODES-SD103CW Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
More results

Similar Description - SD103CWH

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S15SC4M SHINDENGEN-S15SC4M Datasheet
514Kb / 10P
Schottky Barrier Diode(40V 15A)
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D Datasheet
157Kb / 2P
40V, 350mA, SMD Schottky Diode
logo
Micro Commercial Compon...
LS103A MCC-LS103A Datasheet
236Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_11 Datasheet
135Kb / 3P
40V, 350mA, SMD Schottky Diode
logo
Formosa MS
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
350mA Surface Mount Small Signal Schottky Diode -20V-40v
logo
SUNMATE electronic Co.,...
BAT48 SUNMATE-BAT48 Datasheet
217Kb / 2P
350mA Axial Leaded Schottky Barrier Diode
logo
Frontier Electronics.
FM120-NS-THRU-FM140-NS FRONTIER-FM120-NS-THRU-FM140-NS Datasheet
612Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V
logo
Micro Commercial Compon...
LS103A MCC-LS103A_12 Datasheet
183Kb / 4P
350mA Schottky Barrier Diode 20~40Volt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com