Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD82AH Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TLD82AH
Description  26V - 82V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TLD82AH Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TLD82AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TLD82AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TLD82AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TLD82AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TLD82AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TLD82AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLD26AH
– TLD82AH
Taiwan Semiconductor
2
Version: C2408
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
Part
number
Device
marking
Breakdown
voltage
VBR at IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
IR at VWM
(µA)
(Note 1)
Maximum
VC at IPPM
tp =8/20 (
μs)
Maximum
VC at IPPM
tp =10/1000 (
μs)
Maximum
temp.
coefficient
of VBR
αT
(%/°C)
(Note 2)
Min
Typ Max
25°C 175°C
V
A
V
A
TLD26AH TLD26AH 24.4
26
27.0
1
22
1
100
42.0
1400
36.0
140
0.096
TLD28AH TLD28AH 26.7
28
29.5
1
24
1
100
45.0
1250
40.0
120
0.097
TLD30AH TLD30AH 28.9
30
31.9
1
27
1
100
49.0
1400
40.0
125
0.097
TLD33AH TLD33AH 31.1
33
34.3
1
28
1
100
56.0
1250
43.5
110
0.098
TLD35AH TLD35AH 33.3
35
36.9
1
30
1
100
60.0
1150
45.5
95
0.099
TLD39AH TLD39AH 36.7
39
40.5
1
33
1
100
66.0
1050
51.5
85
0.100
TLD42AH TLD42AH 40.0
42
44.2
1
36
1
100
71.0
1000
57.0
77
0.100
TLD47AH TLD47AH 44.4
47
49.0
1
40
1
100
76.5
950
63.0
65
0.101
TLD50AH TLD50AH 47.8
50
52.8
1
43
1
100
81.0
900
68.0
55
0.102
TLD56AH TLD56AH 53.3
56
58.9
1
48
1
100
90.0
770
76.0
48
0.103
TLD68AH TLD68AH 64.4
68
71.2
1
58
1
100
110.0
620
92.0
42
0.104
TLD82AH TLD82AH 77.8
82
86.0
1
70
1
100
135.0
550
113
35
0.105
Notes:
1.
Pulse test with PW = 30ms
2.
To calculate VBR vs. junction temperature, use the following formula:
VBR at TJ = VBR at 25 °C x (1 +
T x (TJ - 25))
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
TLDxAH
TO-263AB (D²PAK)
800 / Tape & Reel
Notes:
1.
"x" defines voltage from 26V (TLD26AH) to 82V (TLD82AH)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com