Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TDC
Description  Conductive Polymer Tantalum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TDC Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TDC Datasheet HTML 1Page - Panasonic Semiconductor TDC Datasheet HTML 2Page - Panasonic Semiconductor TDC Datasheet HTML 3Page - Panasonic Semiconductor TDC Datasheet HTML 4Page - Panasonic Semiconductor TDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● Guaranteed at 125 ℃ 1000 h
● High voltage (25 V max.)
● RoHS compliance, Halogen free
R. voltage code
(B size)
(D size)
Unit
:V
Unit
:mm
R. capacitance code (B size)
Unit
:μF
* Externals of figure are the reference.
〈Other than the above〉
Conductive Polymer Tantalum
Solid Capacitors
Surface Mount Type
TDC series
Should a safety concern arise regarding this product, please be sure to contact us immediately.
08-May-25
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Leakage current
≦ 3 times of the initial limit
Damp heat
(Steady State)
+60
℃, 90 % to 95 % RH, 500 h, No-applied voltage
Within +40 %,
−20 % of the initial value
Capacitance change
15
Surge voltage (V)
–55
℃ to +125 ℃
Size code
Category temp. range
B2
D2
20
D
≦ 1.5 times of the initial limit
Endurance
Marking
Dimensions (not to scale)
+125
℃ 1000 h, category voltage applied
Features
Specifications
≦ 2 times of the initial limit
Leakage current
≦ 2 times of the initial limit
D3L
Rated voltage × 1.15
16 V to 25 V
16 V
16 V to 25 V
12.8 V to 20 V
12.8 V
12.8 V to 20 V
15 μF to 33 μF
100 μF
68 μF to 220 μF
<16TDC33MB2, 20TDC22MB2, 25TDC15MB〉
<16TDC150MD3, 20TDC100MD3, 25TDC68MD3〉
N7
33
J7
22
Rated volt. range
Category volt. range
Rated cap. range
Capacitance tolerance
±20 % (120 Hz / +20
℃)
Leakage current
Please see the attached characteristics list
Dissipation factor(tan δ)
Please see the attached characteristics list
Dissipation factor(tan δ)
Capacitance change
Within ±20 % of the initial value
Dissipation factor(tan δ)
E7
D
20
C
16
B2
D2
25
E
C
16
1E 25
D3L
L
3.5±0.2
7.3±0.2
7.3±0.3
H
1.9±0.1
1.3
2.4
4.3
1.3
2.4
4.3
1.9±0.1
2.8±0.2
W±0.2
S±0.2 W1±0.1
0.8
2.2
2.8
Size code
UPDATE
Lot No.
Rated capacitance code
Polarity marking (+)
Rated voltage code
Rated capacitance code (D size is capacitance (μF))
Rated capacitance
Rated voltage code
Polarity marking (+)
Lot No.
Rated voltage code
Polarity marking (+)
Lot No.
L
S
S
W1
L
S
W1
S


Similar Part No. - TDC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Automatic Timing & Cont...
TDC ATC-TDC Datasheet
343Kb / 1P
On-Delay Relay Output
logo
Multicomp Pro
TDC MULTICOMP-TDC Datasheet
311Kb / 1P
Dual Row Terminal Block TDC Series
24/11/17 V1.0
logo
Siemens Semiconductor G...
TDC 0723-723 SIEMENS-TDC 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Multicomp Pro
TDC-02 MULTICOMP-TDC-02 Datasheet
311Kb / 1P
Dual Row Terminal Block TDC Series
24/11/17 V1.0
More results

Similar Description - TDC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
16TDC33MYFB PANASONIC-16TDC33MYFB Datasheet
468Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2R5TAE220M9 PANASONIC-2R5TAE220M9 Datasheet
490Kb / 6P
Conductive Polymer Tantalum Solid Capacitors
6TVE150M PANASONIC-6TVE150M Datasheet
430Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
ETPH100MHA PANASONIC-ETPH100MHA Datasheet
387Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
2TPE330MFB PANASONIC-2TPE330MFB_V01 Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
TPE PANASONIC-TPE Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
6TPE100MPB PANASONIC-6TPE100MPB Datasheet
295Kb / 2P
Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
6TPE330MA9EL PANASONIC-6TPE330MA9EL Datasheet
792Kb / 8P
Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
TLE PANASONIC-TLE Datasheet
805Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
09-Jul-21
073020 PANASONIC-073020 Datasheet
501Kb / 5P
Conductive Polymer Tantalum Solid Capacitors
30-Jul-20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com