| Electronic Components Datasheet Search |
|
MCP604 Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP604 Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 34 page ![]() MCP601/1R/2/3/4 DS21314G-page 2 © 2007 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VDD –VSS ........................................................................7.0V Current at Input Pins .....................................................±2 mA Analog Inputs (VIN+, VIN–) †† ........ VSS –1.0VtoVDD +1.0V All Other Inputs and Outputs ......... VSS – 0.3V to VDD +0.3V Difference Input Voltage ...................................... |VDD –VSS| Output Short Circuit Current .................................Continuous Current at Output and Supply Pins ............................±30 mA Storage Temperature.................................... –65°C to +150°C Maximum Junction Temperature (TJ) ..........................+150°C ESD Protection On All Pins (HBM; MM) .............. ≥ 3 kV; 200V † Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. †† See Section 4.1.2 “Input Voltage and Current Limits”. DC CHARACTERISTICS Electrical Specifications: Unless otherwise specified, T A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, and RL = 100 kΩ to VL, and CS is tied low. (Refer to Figure 1-2 and Figure 1-3). Parameters Sym Min Typ Max Units Conditions Input Offset Input Offset Voltage VOS -2 ±0.7 +2 mV Industrial Temperature VOS -3 ±1 +3 mV TA = -40°C to +85°C (Note 1) Extended Temperature VOS -4.5 ±1 +4.5 mV TA = -40°C to +125°C (Note 1) Input Offset Temperature Drift ΔV OS/ΔTA —±2.5 — µV/°C TA = -40°C to +125°C Power Supply Rejection PSRR 80 88 — dB VDD = 2.7V to 5.5V Input Current and Impedance Input Bias Current IB —1 — pA Industrial Temperature IB —20 60 pA TA = +85°C (Note 1) Extended Temperature IB — 450 5000 pA TA = +125°C (Note 1) Input Offset Current IOS —±1 — pA Common Mode Input Impedance ZCM — 1013||6 — Ω||pF Differential Input Impedance ZDIFF — 1013||3 — Ω||pF Common Mode Common Mode Input Range VCMR VSS – 0.3 — VDD – 1.2 V Common Mode Rejection Ratio CMRR 75 90 — dB VDD = 5.0V, VCM = -0.3V to 3.8V Open-loop Gain DC Open-loop Gain (large signal) AOL 100 115 — dB RL = 25 kΩ to VL, VOUT = 0.1V to VDD – 0.1V AOL 95 110 — dB RL = 5 kΩ to VL, VOUT = 0.1V to VDD – 0.1V Output Maximum Output Voltage Swing VOL, VOH VSS + 15 — VDD – 20 mV RL = 25 kΩ to VL, Output overdrive = 0.5V VOL, VOH VSS + 45 — VDD – 60 mV RL = 5 kΩ to VL, Output overdrive = 0.5V Linear Output Voltage Swing VOUT VSS + 100 — VDD – 100 mV RL = 25 kΩ to VL, AOL ≥ 100 dB VOUT VSS + 100 — VDD – 100 mV RL = 5 kΩ to VL, AOL ≥ 95 dB Output Short Circuit Current ISC —±22 — mA VDD = 5.5V ISC —±12 — mA VDD = 2.7V Power Supply Supply Voltage VDD 2.7 — 6.0 V (Note 2) Quiescent Current per Amplifier IQ — 230 325 µA IO = 0 Note 1: These specifications are not tested in either the SOT-23 or TSSOP packages with date codes older than YYWW = 0408. In these cases, the minimum and maximum values are by design and characterization only. 2: All parts with date codes November 2007 and later have been screened to ensure operation at VDD=6.0V. However, the other minimum and maximum specifications are measured at 1.4V and/or 5.5V. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |