Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP161G Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP161G
Description  Photocoupler GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP161G Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP161G Datasheet HTML 1Page - Toshiba Semiconductor TLP161G Datasheet HTML 2Page - Toshiba Semiconductor TLP161G Datasheet HTML 3Page - Toshiba Semiconductor TLP161G Datasheet HTML 4Page - Toshiba Semiconductor TLP161G Datasheet HTML 5Page - Toshiba Semiconductor TLP161G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP161G
2007-10-01
5
Normalized VDRM – Ta
VT = 3V
VDRM = Rated
Ambient temperature Ta (°C)
Normalized IFT – Ta
100
3
−40
1
−20
0
80
40
0.1
1.2
2
0.5
20
60
0.3
Normalized IH – Ta
Ambient temperature Ta (°C)
100
3
−40
2
1
0.5
0.3
−20
0
20
60
80
40
0.1
1.2
Ambient temperature Ta (°C)
100
−40
−20
0
80
40
20
60
1.4
0.8
0.4
0.2
1.0
1.2
0.6
Ambient temperature Ta (°C)
Normalized IDRM – Ta
100
10
3
0
10
1
10
0
20
40
80
60
10
2
Normalized IIH – Ta
Ambient temperature Ta (°C)
100
3
−40
2
1
0.5
0.3
−20
0
20
60
80
40
0.1
1.2
IF = Rated IFT
VT = Rated VDRM
Ambient temperature Ta (°C)
Normalized VIH – Ta
100
3
−40
1
−20
0
80
40
0.1
1.2
2
0.5
20
60
0.3
IF = Rated IFT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com