Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73837 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73837
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73837 Datasheet HTML 13Page - Microchip Technology MCP73837 Datasheet HTML 14Page - Microchip Technology MCP73837 Datasheet HTML 15Page - Microchip Technology MCP73837 Datasheet HTML 16Page - Microchip Technology MCP73837 Datasheet HTML 17Page - Microchip Technology MCP73837 Datasheet HTML 18Page - Microchip Technology MCP73837 Datasheet HTML 19Page - Microchip Technology MCP73837 Datasheet HTML 20Page - Microchip Technology MCP73837 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22071A-page 17
MCP73837/8
is reconnected. If the input power is removed, the
MCP73837/8 is in Shutdown. When the input power is
reapplied, a normal start-up sequence ensues.
4.6
Constant Voltage Mode
When the voltage at the VBAT pin reaches the
regulation voltage, VREG, constant voltage regulation
begins. The regulation voltage is factory set to 4.20V,
4.35V, 4.40V, or 4.5V with a tolerance of ± 0.5%.
4.7
Charge Termination
The charge cycle is terminated when, during constant
voltage mode, the average charge current diminishes
below a percentage of the programmed charge current
(established with the value of the resistor connected to
the PROG pin) or the internal timer has expired. A 1 ms
filter time on the termination comparator ensures that
transient load conditions do not result in premature
charge cycle termination. The percentage or ratio of the
current is factory set. The timer period is factory set and
can be disabled. Refer to Section 1.0 “Electrical
Characteristics” for charge termination current ratio
and timer period options.
The charge current is latched off and the MCP73837/8
enters a charge complete mode.
4.8
Automatic Recharge
The MCP73837/8 continuously monitors the voltage at
the VBAT pin in the charge complete mode. If the
voltage drops below the recharge threshold, another
charge cycle begins and current is once again supplied
to the battery or load. The recharge threshold is factory
set. Refer to Section 1.0 “Electrical Characteristics”
for recharge threshold options.
4.9
Thermal Regulation
The MCP73837/8 limits the charge current based on
the die temperature. The thermal regulation optimizes
the charge cycle time while maintaining device
reliability. Figure 4-2 depicts the thermal regulation for
the MCP73837/8. Refer to Section 1.0 “Electrical
Characteristics” for thermal package resistances and
Section 6.1.1.2
“Thermal
Considerations”
for
calculating power dissipation.
.
FIGURE 4-2:
Thermal Regulation.
4.10
Thermal Shutdown
The MCP73837/8 suspends charge if the die
temperature exceeds 150°C. Charging will resume
when
the
die
temperature
has
cooled
by
approximately 10°C. The thermal shutdown is a
secondary safety feature in the event that there is a
failure within the thermal regulation circuitry.
Note:
Charge
termination
and
automatic
recharge features avoid constant charging
Li-Ion batteries to prolong the life of Li-Ion
batteries while keeping their capacity at
healthy level.
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
25 35 45 55 65 75 85 95 105 115 125 135 145 155
Junction Temperature (°C)
RPROG = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com