Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEM310 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # CEM310
Description  COM Express Type 10 Mini Module with Intel Atom® x5 and x7 Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM310 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  CEM310 Datasheet HTML 1Page - Axiomtek Co., Ltd. CEM310 Datasheet HTML 2Page - Axiomtek Co., Ltd. CEM310 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
* All specifications and photos are subject to change without notice.
System on Modules
1
32
31
I/O
SATA
2 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 x 10/100/1000 Mbps Ethernet with Intel® i210-IT; supports Wake-on-LAN, PXE Boot ROM
Audio
HD link interface to baseboard for Codec
USB
2 x USB 3.0
8 x USB 2.0
Serial
1 x LPC
1 x SPI
2 x TX/RX
TPM
N/A
SMBus
Yes
Others
1 x I
2C
GPIO
4-CH in & 4-CH out
Smart Battery
Yes
Mechanical and Environmental
Dimensions
84 x 55 mm
Board Thickness
2.0 mm
Operating Temperature
Industrial:-40°C to +85°C (-40°F to +185°F) with system thermal solution
Standard:-20°C to +70°C (-4°F to +158°F)
Humidity
10%- 95% relative humidity, non-condensing
Vibration Endurance
3.5 Grms
Ordering Information
Standard
CEM310PG-E3930+4GB
(Ind) (P/N: E38D310100)
COM Express Type 10 Mini module with Intel® Atom® x5-E3930, DDI, LVDS, USB 3.0, and GbE LAN (Ind. Temp)
CEM310PG-E3940+4GB
(Ind) (P/N: E38D310102)
COM Express Type 10 Mini module with Intel® Atom® x5-E3940, DDI, LVDS, USB 3.0, and GbE LAN (Ind. Temp)
CEM310PG-E3950+4GB
(Ind) (P/N: E38D310103)
COM Express Type 10 Mini module with Intel® Atom® x7-E3950, DDI, LVDS, USB 3.0, and GbE LAN (Ind. temp)
CEM310PG-E3930+4GB
(P/N: E38D310104)
COM Express Type 10 Mini module with Intel® Atom® x5-E3930, DDI, LVDS, USB 3.0, and GbE LAN
CEM310PG-E3940+4GB
(P/N: E38D310105)
COM Express Type 10 Mini module with Intel® Atom® x5-E3940, DDI, LVDS, USB 3.0, and GbE LAN
CEM310PG-E3950+4GB
(P/N: E38D310106)
COM Express Type 10 Mini module with Intel® Atom® x7-E3950, DDI, LVDS, USB 3.0, and GbE LAN
CEM310-D3C-P1G
(P/N:E38D310110)
COM Express Type 10 Mini module with Intel® Atom® x7-E3950, DDI, LVDS, USB 3.0, and GbE LAN LPDDR4 8GB eMMC 64GB
(Ind. Temp)
CEM310-F2B-P1G
(P/N:E38D310111)
COM Express Type 10 Mini module with Intel® Atom® x7-E3930, DDI, LVDS, USB 3.0, and GbE LAN LPDDR4 4GB eMMC 32GB
(Ind. Temp)
Optional
7128D310000E
CEM310 heatspreader
5078D840200E +
7128D310000E
Heatsink with fan (cooler + heatspreader)
CEB94017
(P/N: E394017101)
COM Express Type 10 development baseboard
Packing List
Quick installation guide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com