Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHB160-R680E-DGG PCIEX4 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # SHB160-R680E-DGG PCIEX4
Description  PICMG 1.3 Full-Size CPU Card with LGA1700 14th/13th/12th Gen Intel® Core™ i7/i5/i3, Pentium® or Celeron® Processor, Intel® R680E/H610E, SATA 3.0, M.2 Key E/M, USB 3.2 Gen1/Gen2, Dual 2.5GbE LAN, and DVI-I
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SHB160-R680E-DGG PCIEX4 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  SHB160-R680E-DGG PCIEX4 Datasheet HTML 1Page - Axiomtek Co., Ltd. SHB160-R680E-DGG PCIEX4 Datasheet HTML 2Page - Axiomtek Co., Ltd. SHB160-R680E-DGG PCIEX4 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
System on Modules
Core System
Battery
Lithium 3V/220 mAH
Power Consumption
Intel® Core™ i5-12400 with 32GB (4 x DDR5-4400)
Power requirements:
+12V_CPU @ 5.2A
+5V @ 4.64A
+3.3V @ 1.76A
Display
Graphic
Intel® UHD Graphic
Memory Size
Share system memory
Display Interface
1 x DVI-I (colay VGA by project)
1 x DisplayPort (internal header)
I/O
SATA
6 x SATA-600, supporting RAID 0/1/5/10 (R680E)
4 x SATA-600 (H610E)
Hardware Monitoring
Detect CPU/system temperature, voltage, and fan speed
Ethernet
1 x 10/100/1000/2500 Mbps with Intel® I226-LM, supporting Wake-on-LAN, PXE Boot ROM, TSN, and Intel® AMT with Intel vPro®
1 x 10/100/1000/2500 Mbps with Intel® I226-V, supporting Wake-on-LAN and PXE Boot ROM
Audio
HD Codec audio as Mic-in/Line-in/Line-out/Speaker-out with audio kit AX93242 (optional)
USB
2 x USB 3.2 Gen2x1 (rear I/O)
4 x USB 3.2 Gen1x1 (internal box header; H610E supports only 2)
3 x USB 2.0 (2 via internal pin headers, 1 via 180D Type-A connector; 180D Type-A not available on H610E)
4 x USB 2.0 via SHB connector-C golden fingers
Serial
2 x RS-232
2 x RS-232/422/485 with mode selection controlled via software
PS/2 Combo Port
1 x PS/2 keyboard internal connector
1 x PS/2 internal connector
TPM
TPM 2.0 (optional)
Others
1 x LPT
1 x Smart CPU fan
2 x Smart system fan
Mechanical and Environmental
Dimensions
338 x 126 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
Packing List
Standard
User's manual
59380402010E
COM cable with bracket
594G5208000E
SATA3 cable 180D, 500mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com