Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1937 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1937
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1937 Datasheet(HTML) 2 Page - Linear Technology

  LT1937 Datasheet HTML 1Page - Linear Technology LT1937 Datasheet HTML 2Page - Linear Technology LT1937 Datasheet HTML 3Page - Linear Technology LT1937 Datasheet HTML 4Page - Linear Technology LT1937 Datasheet HTML 5Page - Linear Technology LT1937 Datasheet HTML 6Page - Linear Technology LT1937 Datasheet HTML 7Page - Linear Technology LT1937 Datasheet HTML 8Page - Linear Technology LT1937 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3498
2
3498f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................12V
CTRL1 and CTRL2 Voltage........................................12V
FB2 Voltage..............................................................2.5V
VOUT2 Voltage ...........................................................32V
SW1 and SW2 Voltage ..............................................32V
CAP1 and CAP2 Voltage............................................32V
LED1 Voltage ............................................................32V
Operating Junction Temperature Range ...– 40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range...................– 65°C to 150°C
(Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
12
V
Supply Current (LED Off, OLED Off)
VIN = 3V, VCTRL1 = 0V, VCTRL2 = 0V
810
µA
Supply Current (LED On, OLED Off)
VIN = 3V, VCTRL1 = 3V, VCTRL2 = 0V, VCAP1 = 24V,
VLED1 = 23V
1.6
2
mA
Supply Current (LED Off, OLED On)
VIN = 3V, VCTRL1 = 0V, VCTRL2 = 3V, VFB2 = 3V
230
280
µA
Supply Current (LED On, OLED On)
VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VCAP1 = 24V,
VLED1 = 23V
1.65
2.05
mA
VCTRL1 for Full LED Current
VCTRL2 for Full OLED Brightness
1.5
V
VCTRL1 or VCTRL2 to Turn On IC
125
mV
VCTRL1 and VCTRL2 to Shut Down IC
75
mV
CTRL1, CTRL2 Pin Bias Current
100
nA
LED Driver
LED Current Sense Voltage (VCAP – VLED)VCAP1 = 24V, ISW = 200mA
190
200
210
mV
CAP1, LED1 Pin Bias Current
VCAP1 = 16V, VLED1 = 16V
20
30
µA
VCAP1, VLED1 Common Mode Minimum Voltage
2.5
V
Switching Frequency
1.8
2.3
2.8
MHz
Maximum Duty Cycle
88
90
%
Switch Current Limit
300
425
mA
Switch VCESAT
ISW = 200mA
250
mV
TOP VIEW
13
DDB PACKAGE
12-LEAD (3mm
× 2mm) PLASTIC DFN
LED1
CTRL1
GND1
GND2
CTRL2
FB2
CAP1
SW1
VIN
SW2
CAP2
VOUT2
8
7
10
9
11
12
5
6
4
2
3
1
TJMAX = 125°C, θJA = 160°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DDB PART MARKING
LT3498EDDB
LCQF
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3V, VCTRL1 = VCTRL2 = 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com