Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSW6024 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc RFSW6024 Datasheet HTML 10Page - Qorvo, Inc RFSW6024 Datasheet HTML 11Page - Qorvo, Inc RFSW6024 Datasheet HTML 12Page - Qorvo, Inc RFSW6024 Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
9 of 13
www.qorvo.com
®
Pad Configuration and Description
Top View
Pad No.
Label
Description
1
VDD
DC Supply Voltage Input
2
VCTL
Logic Control Input, Logic High/Low sets the switch RFC-
RF1/RF2 to “ON” state
3
RFC
RF Common Port, DC blocking capacitor required if > 0.5 V external voltage is present
4, 8, 13, 16
NC
No Internal Connection, External connection to PCB Ground Recommended to maximize isolation
5
VEN
Logic Control Input, Logic High sets the switch both RF1 and RF2 to
“OFF” state
6, 7, 10, 11, 14, 15
NC
Ground or No Connection, External connection to PCB Ground Recommended to maximize isolation
9
RF1
RF Port 1, DC blocking capacitor required if > 0.5 V external voltage is present
12
RF2
RF Port 2, DC blocking capacitor required if > 0.5 V external voltage is present
Backside Paddle
GND
RF and DC ground. Must be soldered on PCB ground plane over a bed of via holes to minimize
inductance and thermal resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com