Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6103 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6103
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT6106
6
6106fa
BLOCK DIAGRAM
PIN FUNCTIONS
OUT (Pin 1): Current Output. OUT will source a current
that is proportional to the sense voltage into an external
resistor.
V– (Pin 2): Normally Connected to Ground.
–IN (Pin 3): The internal sense amplifier will drive –IN to
the same potential as +IN. A resistor (RIN) tied from V+
to –IN sets the output current IOUT = VSENSE/RIN. VSENSE
is the voltage developed across RSENSE.
+IN (Pin 4): Must be tied to the system load end of the
sense resistor, either directly or through a resistor.
V+ (Pin 5): Positive Supply Pin. The V+ pin should be con-
nected directly to either side of the sense resistor, RSENSE.
Supply current is drawn through this pin. The circuit may
be configured so that the LT6106 supply current is or is
not monitored along with the system load current. To
monitor only the system load current, connect V+ to the
more positive side of the sense resistor. To monitor the
total current, including that of the LT6106, connect V+ to
the more negative side of the sense resistor.
V+
V–
OUT
6106 F01
VBATTERY
IOUT
VSENSE
RSENSE
ILOAD
ROUT
–
+
L
O
A
D
VOUT = VSENSE •
ROUT
RIN
14k
14k
–IN
+IN
5
2
1
3
4
RIN
Figure 1. LT6106 Block Diagram and Typical Connection
TYPICAL PERFORMANCE CHARACTERISTICS
VSENSE (mV)
0
4
8
12
2
6
10
40
80
120
160
6106 G21
200
20
0
60
100
140
180
V+ = 12V
AV = 100
RIN = 100Ω
ROUT = 10k
VSENSE (mV)
0
4
8
12
2
6
10
200
400
600
800
6106 G22
1000
100
0
300
500
700
900
V+ = 12V
AV = 20
RIN = 500Ω
ROUT = 10k
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
20
60
80
100
10
20
25
45
6106 G01
40
515
30
35
40
120
TA = –40°C
TA = 25°C
TA = 70°C
TA = 125°C
Output Voltage vs Input Sense
Voltage (0mV ≤ VSENSE ≤ 1V)
Output Voltage vs Input Sense
Voltage (0mV ≤ VSENSE ≤ 200mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com