Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9435/009 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 9435/009
Description  KEYS FOR USE WITH FUNCTIONAL SAFETY ENCODER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

9435/009 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  9435/009 Datasheet HTML 1Page - Sensata Technologies, Inc. 9435/009 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies Inc.
|KEYS FOR USE WITH FUNCTIONAL SAFETY ENCODER
FOR SIL 3 ENCODERS DSM5, DST5, DSK5, AND DSM9
DIMENSIONS
8
9435/009
4X4X8mm
model DST5
with the /OM/ mechanical
option and a 14 mm bore,
or the model DSK5 with a
bore from 9.52 - 14 mm


Similar Part No. - 9435/009

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
9435 HOTTECH-9435 Datasheet
1Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN FUMAN ELECTRON...
9435 FUMAN-9435 Datasheet
299Kb / 2P
20V P-Channel Increased MOS FET
logo
VBsemi Electronics Co.,...
9435 VBSEMI-9435 Datasheet
972Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
9435 TUOFENG-9435 Datasheet
3Mb / 5P
SOP-8 Plastic-Encapsulate MOSFETS
v1.0
logo
Keystone Electronics Co...
9435 KEYSTONE-9435 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 9435/009

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM5025 SAMHOP-SM5025 Datasheet
61Kb / 1P
64 KEYS ENCODER
SM5221 SAMHOP-SM5221 Datasheet
85Kb / 16P
32 KEYS ENCODER
logo
Microchip Technology
HCS365 MICROCHIP-HCS365_11 Datasheet
730Kb / 40P
KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
2011
logo
ABCircuits
KBDP64 ABCIRCUITS-KBDP64 Datasheet
86Kb / 7P
Parallel output keyboard encoder for up to 64 keys
February 2013
KBDSER132 ABCIRCUITS-KBDSER132 Datasheet
132Kb / 9P
Serial output keyboard encoder for up to 132 keys
logo
Agilent(Hewlett-Packard...
HEDS-51X0 HP-HEDS-51X0 Datasheet
241Kb / 15P
Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
Multi-Functional Switch (Double Action Tactile Rotary Encoder)
logo
Infineon Technologies A...
TLF35584QVHSX INFINEON-TLF35584QVHSX Datasheet
2Mb / 6P
OPTIREG??PMIC TLF35584QVHSx Functional Safety PMIC
Rev 1.0 2021-05-28
TLF35585QVS01 INFINEON-TLF35585QVS01 Datasheet
553Kb / 10P
Functional safety PMIC
Rev. 1.0 2023-02-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com