Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV199 Datasheet(PDF) 1 Page - Multicomp Pro

Part # BAV199
Description  22Dual Surface Mount Low Leakage DiodeNewark
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BAV199 Datasheet(HTML) 1 Page - Multicomp Pro

  BAV199 Datasheet HTML 1Page - Multicomp Pro BAV199 Datasheet HTML 2Page - Multicomp Pro BAV199 Datasheet HTML 3Page - Multicomp Pro BAV199 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
12/04/22
Dual Surface
Mount Low Leakage Diode
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features:
•  Medium Speed Current Applications
•  Very Low Leakage Current
•  Surface Mount Package Ideally Suited for Automatic Insertion
Applications:
Small signal switching
Max. Rating @ Ta = 25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage 
Working peak reverse voltage 
DC reverse voltage
Vrrm 
Vrms 
Vr
85
V
RMS reverse voltage
Vr(rms)
60
V
Peak forward surge current                 
                      @t=1.0μs 
@t=1.0ms 
@t=1.0s
Ifsm
 
4 
1 
0.5
A
Forward continuous current           Single diode 
                    Double diode
Ifm
160 
140
mA
Repetitive peak forward current
Ifrm
500
mA
Power dissipation
Pd
250
mW
Thermal resistance junction to ambient air
Rθja
500
°C/W
Operating and storage temperature range
Tj, Tstg
-65 to +150
°C
Electrical Characteristics @ Ta = 25°C unless otherwise specified
Parameter
Symbol
Test conditions
Min.
Max.
Unit
Reverse breakdown voltage
V(br)
Ir = 100μA
85
-
V
Reverse voltage leakage current
Ir
Vr = 75V 
Vr = 75V, Tj = 150°C
-
5 
80
nA
Forward voltage
Vf
If = 1mA 
If = 10mA 
If = 50mA 
If = 150mA
-
900 
1,000 
1,100 
1,250
mV
Junction capacitance
Cj
Vr = 0V, f = 1MHz
-
2
pF
Reverse recovery time
trr
If = Ir = 10mA,  
Irr = 0.1 × Ir, Rl = 100Ω
-
3
μS
Part Number Marking Package Code
BAV199
JY
SOT-23
• MSL level - MSL1
11/05/22 V1.1


Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results

Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com