Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2450 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 9Page - Linear Technology LTC2450 Datasheet HTML 10Page - Linear Technology LTC2450 Datasheet HTML 11Page - Linear Technology LTC2450 Datasheet HTML 12Page - Linear Technology LTC2450 Datasheet HTML 13Page - Linear Technology LTC2450 Datasheet HTML 14Page - Linear Technology LTC2450 Datasheet HTML 15Page - Linear Technology LTC2450 Datasheet HTML 16Page - Linear Technology LTC2450 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2450-1
13
24501fb
APPLICATIONS INFORMATION
24501 F12
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk16
clk17
SCK
CONVERT
CONVERT
SLEEP
DATA OUTPUT
CS = LOW
Figure 12. 2-Wire, Idle-High (CPOL = 1) Serial Clock, Operation Example
24501 F13
D15
D14
D13
D12
D2
D1
D0
SD0
CS = LOW
clk1
clk2
clk3
clk14
clk4
clk15
clk16
SCK
CONVERT
CONVERT
DATA OUTPUT
Figure 13. 2-Wire, Idle-Low (CPOL = 0) Serial Clock Operation Example
2-Wire Operation
The 2-wire operation modes, while reducing the number
of required control signals, should be used only if the
LTC2450-1 low power sleep capability is not required. In
addition the option to abort serial data transfers is no longer
available. Hardwire CS to GND for 2-wire operation.
Figure 12 shows a 2-wire operation sequence which uses
an idle-high (CPOL = 1) serial clock signal. The conversion
status can be monitored at the SDO output. Following a
conversion cycle, the ADC enters SLEEP state and the
SDO output transitions from HIGH to LOW. Subsequently
16 clock pulses are applied to the SCK input in order
to serially shift the 16 bit result. Finally, the 17th clock
pulse is applied to the SCK input in order to trigger a new
conversion cycle.
Figure 13 shows a 2-wire operation sequence which uses
an idle-low (CPOL = 0) serial clock signal. The conversion
status cannot be monitored at the SDO output. Following
a conversion cycle, the LTC2450-1 bypasses the SLEEP
state and immediately enters the DATA OUTPUT state. At
this moment the SDO pin outputs the most significant bit
(D15) of the conversion result. The user must use external
timing in order to determine the end of conversion and
result availability. Subsequently 16 clock pulses are applied
to SCK in order to serially shift the 16-bit result. The 16th
clock falling edge triggers a new conversion cycle.
PRESERVING THE CONVERTER ACCURACY
The LTC2450-1 is designed to reduce as much as possible
the conversion result sensitivity to device decoupling,
PCB layout, antialiasing circuits, line and frequency
perturbations. Nevertheless, in order to preserve the
very high accuracy capability of this part, some simple
precautions are desirable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com