Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3591 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3591
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3591 Datasheet(HTML) 4 Page - Linear Technology

  LT3591 Datasheet HTML 1Page - Linear Technology LT3591 Datasheet HTML 2Page - Linear Technology LT3591 Datasheet HTML 3Page - Linear Technology LT3591 Datasheet HTML 4Page - Linear Technology LT3591 Datasheet HTML 5Page - Linear Technology LT3591 Datasheet HTML 6Page - Linear Technology LT3591 Datasheet HTML 7Page - Linear Technology LT3591 Datasheet HTML 8Page - Linear Technology LT3591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3498
4
3498f
TEMPERATURE (
°C)
–50
–25
300
350
500
0
50
75
3498 G07
450
400
25
100
125
VIN (V)
0
25
26
27
28
29
2
46
8
3498 G08
10
12
T = –50
°C
T = 150
°C
T = 25
°C
VIN (V)
0
0
3
6
9
12
15
2
46
8
1635 G07
10
12
T = –50
°C
T = 125
°C
T = 25
°C
SWITCH CURRENT (mA)
0
0
50
150
200
250
500
350
100
200
250
100
400
450
300
50
150
300 350
400
3498 G02
T = –50
°C
T = 125
°C
T = 25
°C
SCHOTTKY FORWARD DROP (mV)
0
150
200
250
600
1000
100
50
0
200
400
800
300
350
400
3498 G03
T = –50
°C
T = 125
°C
T = 25
°C
VCTRL1 (mV)
0
0
40
80
120
160
200
240
500
1000
1500
2000
3498 G04
T = 25
°C
T = –50
°C
T = 125
°C
TEMPERATURE (
°C)
–50
–25
186
194
206
0
50
75
3498 G05
190
202
198
25
100
125
T = –50
°C
CAP1 VOLTAGE (V)
0
198
202
206
20
194
190
186
5
10
15
25
3498 G06
T = 125
°C
T = 25
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Current
(VCTRL1 = VCTRL2 = 0V)
LED Switch Saturation
Voltage (VCESAT1)
LED Schottky Forward
Voltage Drop
Sense Voltage (VCAP1 – VLED1)
vs VCTRL1
Sense Voltage (VCAP1 – VLED1)
vs Temperature
Sense Voltage (VCAP1 – VLED1)
vs VCAP1
LED Current Limit
vs Temperature
Open Circuit Output
Clamp Voltage
Input Current in Output
Open Circuit
TA = 25°C, unless otherwise specified.
VIN (V)
2
0
1
2
3
4
5
6
468
10
12
3498 G09
T = –50
°C
T = 150
°C
T = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com