Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMBP1102 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASMBP1102
Description  ASMBP-1102
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASMBP1102 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASMBP1102 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.128
3.25
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
.58
14.7
.47
12.0
.37
9.5
.06
1.5
.19
4.9
.39
9.9
COVER
SPACER
BODY
FERRULE
RECOMMENDED
CABLE STRIPPING
E
E
CRIMP FERRULE SIZE
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
E
ECN 10366: CLARIFY PART DESCRIPTION
02/19/2020
SRAUTUS
ITEM NO.
N/A
1
1
REV
CAGE CODE
43321
SIZE
SCALE
A
SHEET
OF
DRAWN BY
ALL DIMENSIONS SHOWN
ARE FOR REFERENCE ONLY.
ASMBP-1102
E
50 High Street, West Mill, 3rd Floor, Suite #30
North Andover, MA 01845 USA.
Phone: 1.800.341.5266 │ 1.978.682.6936
Fax: 1.978.689.9484
Website: www.L-com.com
E-mail: CustomerService@L-com.com
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
L-COM GLOBAL CONNECTIVITY.
ALL RIGHTS RESERVED.
T-Rev.D
DFRISIELLO
CABLE LENGTH (L) TOLERANCES:
L ≤ 12 [305] = +1 [25] / -0
12 [305] < L ≤ 60 [1524] = +2 [51] / -0
60 [1524] < L ≤ 120 [3048] = +4 [102] / -0
120 [3048] < L ≤ 300 [7620] = +6 [152] / -0
300 [7620] < L = +5%L / -0
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
TOLERANCES:
.XXX = ±.005 [ .13 ]
.02 [ .51 ]
.XX = ±
.X = ±.2 [5.08]
FRACTIONS
± 1/32
ANGLES ± 1°
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE
WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
THIRD-ANGLE PROJECTION


Similar Part No. - ASMBP1102

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASMBP1100 L-COM-ASMBP1100 Datasheet
66Kb / 1P
CON SMB PLUG CRIMP LMR100, RG188
09/27/2010
More results

Similar Description - ASMBP1102

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
756-1102-060-030 WAGO-756-1102-060-030 Datasheet
214Kb / 4P
756-1102/060-030
23.11.2021
logo
PHOENIX CONTACT
1153079 PHOENIX-1153079 Datasheet
90Kb / 8P
Router - FL MGUARD 1102
01/13/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com