Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT646ATSOC.B Datasheet(PDF) 2 Page - Texas Instruments

Part # CY74FCT646ATSOC.B
Description  8-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CY74FCT646ATSOC.B Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT646ATSOC.B Datasheet HTML 1Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 2Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 3Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 4Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 5Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 6Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 7Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 8Page - Texas Instruments CY74FCT646ATSOC.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY54FCT646T, CY74FCT646T
8-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCCS031A – JULY 1994 – REVISED OCTOBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PIN DESCRIPTION
NAME
DESCRIPTION
A
Data register A inputs, data register B outputs
B
Data register B inputs, data register A outputs
CPAB, CPBA
Clock-pulse inputs
SAB, SBA
Output data-source-select inputs
DIR, G
Output-enable inputs
ORDERING INFORMATION
TA
PACKAGE†
SPEED
(ns)
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QSOP – Q
Tape and reel
5.4
CY74FCT646CTQCT
FCT646C
SOIC
SO
Tube
5.4
CY74FCT646CTSOC
FCT646C
SOIC – SO
Tape and reel
5.4
CY74FCT646CTSOCT
FCT646C
QSOP – Q
Tape and reel
6.3
CY74FCT646ATQCT
FCT646A
–40
°C to 85°C
SOIC
SO
Tube
6.3
CY74FCT646ATSOC
FCT646A
SOIC – SO
Tape and reel
6.3
CY74FCT646ATSOCT
FCT646A
QSOP – Q
Tape and reel
9
CY74FCT646TQCT
FCT646
SOIC
SO
Tube
9
CY74FCT646TSOC
FCT646
SOIC – SO
Tape and reel
9
CY74FCT646TSOCT
FCT646
LCC – L
Tube
6
CY54FCT646CTLMB
55
°Cto125°C
CDIP – D
Tube
7.7
CY54FCT646ATDMB
–55
°C to 125°C
LCC
L
Tube
7.7
CY54FCT646ATLMB
LCC – L
Tube
11
CY54FCT646TLMB
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
DATA I/O‡
OPERATION
G
DIR
CPAB
CPBA
SAB
SBA
A1–A8
B1–B8
OR FUNCTION
H
X
H or L
H or L
X
X
Input
Input
Isolation
H
X
↑↑
X
X
Input
Input
Store A and B data
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B bus
L
H
H or L
X
H
X
Input
Output
Stored A data to B bus
H = High logic level, L = Low logic level,
↑ = Low-to-high transition, X = Don’t care
‡ The data output functions can be enabled or disabled by various signals at the G or DIR inputs. Data input
functions always are enabled, i.e., data at the bus pins is stored on every low-to-high transition of the
clock inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com