Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3433 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3433
Description  20V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3433 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM3433 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3433 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3433 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3433 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3433 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3433 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM3433
20V P-Channel MOSFET
2/6
Version: A07
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = - 250uA
BVDSS
-20
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = - 250uA
VGS(TH)
-0.4
--
-1.0
V
Zero Gate Voltage Drain Current
VDS = -16V, VGS = 0V
IDSS
--
--
-1.0
uA
Gate Body Leakage
VGS = ±8V, VDS = 0V
IGSS
--
--
±100
nA
On-State Drain Current
VDS =-5V, VGS = -4.5V
ID(ON)
-20
--
--
A
VGS = -4.5V, ID = -5.6A
--
25
42
VGS = -2.5V, ID = -4.8A
--
48
57
Drain-Source On-State Resistance
VGS = -1.8V, ID = -1.4A
RDS(ON)
--
66
80
mΩ
Forward Transconductance
VDS = - 5V, ID = - 5.6A
gfs
--
16
--
S
Diode Forward Voltage
IS = - 1.0A, VGS = 0V
VSD
--
- 0.7
-1.2
V
Dynamic
b
Total Gate Charge
Qg
--
12.5
19
Gate-Source Charge
Qgs
--
1.7
--
Gate-Drain Charge
VDS = -10V, ID = -5.6A,
VGS = -4.5V
Qgd
--
3.3
--
nC
Input Capacitance
Ciss
--
1020
--
Output Capacitance
Coss
--
191
--
Reverse Transfer Capacitance
VDS = -10V, VGS = 0V,
f = 1.0MHz
Crss
--
140
--
pF
Switching
C
Turn-On Delay Time
td(on)
--
25
40
Turn-On Rise Time
tr
--
43
65
Turn-Off Delay Time
td(off)
--
71
110
Turn-Off Fall Time
VDD = -10V, RL = 10Ω,
ID = -1A, VGEN = -4.5V,
RG = 6Ω
tf
--
48
75
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com