Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7616EB Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC7616EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7616EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7616EB Datasheet HTML 7Page - Texas Instruments DAC7616EB Datasheet HTML 8Page - Texas Instruments DAC7616EB Datasheet HTML 9Page - Texas Instruments DAC7616EB Datasheet HTML 10Page - Texas Instruments DAC7616EB Datasheet HTML 11Page - Texas Instruments DAC7616EB Datasheet HTML 12Page - Texas Instruments DAC7616EB Datasheet HTML 13Page - Texas Instruments DAC7616EB Datasheet HTML 14Page - Texas Instruments DAC7616EB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
DAC7616
SBAS186
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tDS
Data Valid to CLK Rising
25
ns
tDH
Data Held Valid after CLK Rises
20
ns
tCH
CLK HIGH
30
ns
tCL
CLK LOW
50
ns
tCSS
CS LOW to CLK Rising
55
ns
tCSH
CLK HIGH to CS Rising
15
ns
tLD1
LDAC HIGH to CLK Rising
40
ns
tLD2
CLK Rising to LDAC LOW
15
ns
tLDDW
LDAC LOW Time
45
ns
tRSSH
RESETSEL Valid to RESET LOW
25
ns
tRSTW
RESET LOW Time
70
ns
tS
Settling Time
10
µs
DIGITAL INTERFACE
Figure 2 and Table I provide the basic timing for the
DAC7616. The interface consists of a serial clock (CLK),
serial data (SDI), and a load DAC signal (LDAC). In
addition, a chip select (CS) input is available to enable serial
communication when there are multiple serial devices. An
asynchronous reset input (RESET) is provided to simplify
start-up conditions, periodic resets, or emergency resets to a
known state.
FIGURE 2. DAC7616 Timing.
TABLE I. Timing Specifications (TA = –40°C to +85°C).
The DAC code and address are provided via a 16-bit serial
interface as shown in Figure 2. The first two bits select the
DAC register that will be updated when LDAC goes LOW
(see Table II). The next two bits are not used. The last 12 bits
is the DAC code which is provided, most significant bit first.
Note that CS and CLK are combined with an OR gate,
whose output controls the serial-to-parallel shift register
internal to the DAC7616 (see the block diagram on the front
of this data sheet). These two inputs are completely inter-
changeable. In addition, care must be taken with the state of
CLK when CS rises at the end of a serial transfer. If CLK is
LOW when CS rises, the OR gate will provide a rising edge
to the shift register, shifting the internal data one additional
bit. The result will be incorrect data and possible selection of
the wrong DAC.
A1
(MSB)
(LSB)
SDI
CLK
CS
LDAC
A0
X
X
D11
D10
D9
D3
D2
D1
D0
SDI
CLK
LDAC
RESET
V
OUT
tcss
t
LD1
t
CL
t
CH
t
DS
t
DH
t
LD2
t
LDDW
t
LDDW
t
S
t
RSTW
t
RSSH
t
CSH
t
S
1 LSB
ERROR BAND
1 LSB
ERROR BAND
RESETSEL
STATE OF
SELECTED
SELECTED
DAC
DAC
A1
A0
LDAC
RESET
REGISTER
REGISTER
L(1)
L
L
H
A
Transparent
L
H
L
H
B
Transparent
H
L
L
H
C
Transparent
H
H
L
H
D
Transparent
X(2)
X
H
H
NONE
(All Latched)
X
X
X
L
ALL
Reset(3)
NOTES: (1) L = Logic LOW. (2) X = Don’t Care. (3) Resets to either 000H or
800H, per the RESETSEL state (LOW = 000H, HIGH = 800H). When RESET
rises, all registers that are in their latched state retain the reset value.
TABLE II. Control Logic Truth Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com